Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST25DV04K Datasheet(PDF) 38 Page - STMicroelectronics

No. de pieza ST25DV04K
Descripción Electrónicos  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 34Page - STMicroelectronics ST25DV04K Datasheet HTML 35Page - STMicroelectronics ST25DV04K Datasheet HTML 36Page - STMicroelectronics ST25DV04K Datasheet HTML 37Page - STMicroelectronics ST25DV04K Datasheet HTML 38Page - STMicroelectronics ST25DV04K Datasheet HTML 39Page - STMicroelectronics ST25DV04K Datasheet HTML 40Page - STMicroelectronics ST25DV04K Datasheet HTML 41Page - STMicroelectronics ST25DV04K Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 197 page
background image
5.2.4
Configuring GPO
GPO and interruption pulse duration can be configured by RF user or by I2C host. One or more interrupts can be
enabled at same time.
RF user can use Read Configuration and Write Configuration commands to set accordingly the GPO and
IT_TIME registers, after presenting a valid RF configuration password to open RF configuration security session.
I2C host can write GPO and IT_TIME registers, after presenting a valid I2C password to open I2C security
session.
Enabling or disabling GPO output:
RF user and I2C host can disable or enable GPO output at power up time by writing in GPO_EN bit 7 of
GPO register (if write access is granted).
I2C host can temporarily enable or disable GPO output at any time by toggling GPO_EN bit 7 of
GPO_CTRL_Dyn register. No password is required to write into GPO_CTRL_Dyn register.
Disabling GPO output by writing in GPO_EN bit (either in GPO or in GPO_CTRL_Dyn registers) does not
disable interruption report in IT_STS_Dyn status register.
Table 33. Enabling or disabling GPO interruptions
GPO bit 7:
GPO_EN
GPO_CTRL_Dyn bit 7:
GPO_EN
GPO output
0
0
GPO remains High-Z (OD) or tied low (CMOS)
1
0
GPO remains High-Z (OD) or tied low (CMOS)
0
1
Activated RF events are reported on GPO output (1)
1
1
Activated RF events are reported on GPO output(1)
1. If pull-up resistor is powered (Open Drain -IE version), and VDCG is powered (CMOS –JF version).
Interruption pulse duration configuration:
Interrupt pulse duration is configured by writing pulse duration value in IT_TIME register.
Pulse duration is calculated with the following equation
IT pulse duration equation:
ITpulseduration=301μs−IT_TIME×37.65μs±2μs
(1)
ST25DV04K ST25DV16K ST25DV64K
GPO
DS10925 - Rev 11
page 38/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com