Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST25DV04K Datasheet(PDF) 80 Page - STMicroelectronics

No. de pieza ST25DV04K
Descripción Electrónicos  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 76Page - STMicroelectronics ST25DV04K Datasheet HTML 77Page - STMicroelectronics ST25DV04K Datasheet HTML 78Page - STMicroelectronics ST25DV04K Datasheet HTML 79Page - STMicroelectronics ST25DV04K Datasheet HTML 80Page - STMicroelectronics ST25DV04K Datasheet HTML 81Page - STMicroelectronics ST25DV04K Datasheet HTML 82Page - STMicroelectronics ST25DV04K Datasheet HTML 83Page - STMicroelectronics ST25DV04K Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 197 page
background image
7.6
RF commands
7.6.1
RF command code list
The ST25DVxxx supports the following legacy and extended RF command set:
Inventory, used to perform the anticollision sequence.
Stay Quiet, used to put the ST25DVxxx in quiet mode, where it does not respond to any inventory
command.
Select, used to select the ST25DVxxx. After this command, the ST25DVxxx processes all Read/Write
commands with Select_flag set.
Reset To Ready, used to put the ST25DVxxx in the ready state.
Read Single Block and Extended Read Single Block, used to output the 32 bit of the selected block and
its locking status.
Write Single Block and Extended Write Single Block, used to write and verify the new content for an
update of a 32 bit block, provided that it is not in a locked memory area.
Read Multiple Blocks and Extended Read Multiple Block, used to read the selected blocks in an unique
area, and send back their value.
Write Multiple Blocks and Extended Write Multiple Block, used to write and verify the new content for
an update of up to 4 blocks located in the same memory area, which was not previously locked for writing.
Write AFI, used to write the 8-bit value in the AFI register.
Lock AFI, used to lock the AFI register.
Write DSFID, used to write the 8-bit value in the DSFID register.
Lock DSFID, used to lock the DSFID register.
Get System information and Extended Get System Information, used to provide the system information
value.
Get System information, used to provide the standard system information values.
Extended Get System Information, used to provide the extended system information values.
Write Password, used to update the 64 bit of the selected areas or configuration password, but only after
presenting the current one.
Lock Block and Extended Lock block, used to write the CC file blocks security status bits (Protect the
CC File content against writing).
Present Password, enables the user to present a password to open a security session.
Fast Read Single Block and Fast Extended Read Single Block, used to output the 32 bits of the
selected block and its locking status at doubled data rate.
Fast Read Multiple Blocks and Fast Extended Read Multiple Blocks, used to read the selected blocks
in a single area and send back their value at doubled data rate.
Read Message, used to output up to 256 byte of the Mailbox.
Read Message Length, used to output the Mailbox message length.
Fast Read Message, used to output up to 256 byte of the mailbox, at double data rate.
Write Message, used to write up to 256 byte in the Mailbox.
Fast Read Message Length, used to ouput the mailbox length, at double data rate.
Fast Write Message, used to write up to 256 bytes in the mailbox, with answer at double data rate.
Read Configuration, used to read static configuration registers.
Write Configuration, used to write static configuration registers.
Read Dynamic Configuration, used to read dynamic register.
Write Dynamic Configuration , used to write dynamic register.
Fast Read Dynamic Configuration, used to read dynamic register, at double data rate.
Fast Write Dynamic Configuration, used to write dynamic register, with answer at double data rate.
Manage GPO, used to drive GPO output value when corresponding GPO mode is enabled.
ST25DV04K ST25DV16K ST25DV64K
RF commands
DS10925 - Rev 11
page 80/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com