Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST25DV04K Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza ST25DV04K
Descripción Electrónicos  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 19Page - STMicroelectronics ST25DV04K Datasheet HTML 20Page - STMicroelectronics ST25DV04K Datasheet HTML 21Page - STMicroelectronics ST25DV04K Datasheet HTML 22Page - STMicroelectronics ST25DV04K Datasheet HTML 23Page - STMicroelectronics ST25DV04K Datasheet HTML 24Page - STMicroelectronics ST25DV04K Datasheet HTML 25Page - STMicroelectronics ST25DV04K Datasheet HTML 26Page - STMicroelectronics ST25DV04K Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 197 page
background image
Table 19. MB_CTRL_Dyn
Bit
Name
Function
Factory Value
b0
MB_EN (1)
0: Disable FTM, FTM mailbox is empty
1: Enable FTM
0b
b1
HOST_PUT_MSG
0: No I2C message in FTM mailbox
1: I2C has Put a message in FTM mailbox
0b
b2
RF_PUT_MSG
0: No RF message in FTM mailbox
1: RF has Put message in FTM mailbox
0b
b3
RFU
-
0b
b4
HOST_MISS_MSG
0: No message missed by I2C
1: I2C did not read RF message before watchdog time out
0b
b5
RF_MISS_MSG
0: No message missed by RF
1: RF did not read message before watchdog time out
0b
b6
HOST_CURRENT_MSG
0: No message or message not coming from I2C
1: Current Message in FTM mailbox comes from I2C
0b
b7
RF_CURRENT_MSG
0: No message or message not coming from RF
1: Current Message in FTM mailbox comes from RF
0b
1. MB_EN bit is automatically reset to 0 if MB_MODE register is reset to 0.
Note:
Refer to Table 12. Dynamic registers memory map for the MB_CTRL_Dyn register.
Table 20. MB_LEN_Dyn access
RF
I2C
Command
Type
Address
Type
Read Message Length (cmd code ABh)
Fast Read Message Length (cmd code CBh)
RO
E2 = 0, 2007h
RO
Table 21. MB_LEN_Dyn
Bit
Name
Function
Factory Value
b7-b0
MB_LEN
Size in byte, minus 1 byte, of message contained in FTM
mailbox (automatically set by ST25DVxxx)
0h
Note:
Refer to Table 12. Dynamic registers memory map for the MB_LEN_Dyn register.
5.1.2
Fast transfer mode usage
ST25DV acts as mailbox between RF (reader, smartphone, ...) and an I2C host (microcontroller...). Each interface
can send a message containing up to 256 bytes of data to the other interface through that mailbox.
To send data from RF reader to I2C host, fast transfer mode must be enabled, the mailbox must be free, VCC
power must be present, and the RF user must first writes the message containing data in the mailbox.
I2C host is then informed (by interruption on GPO output or polling on MB_CTRL_Dyn register) that a message
from RF is present in the mailbox.
Once the complete message has been read by I2C, mailbox is considered free again and is available for receiving
a new message (data is not cleared).
The RF user is informed that the message has been read by the I2C host by polling on MB_CTRL_Dyn register.
ST25DV04K ST25DV16K ST25DV64K
Fast transfer mode (FTM)
DS10925 - Rev 11
page 23/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com