| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GRM0332C2A6R9DA01 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd |
|
22 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc CH 62pF ±2% GRM0332C2A620GA01# ±5% GRM0332C2A620JA01# 68pF ±2% GRM0332C2A680GA01# ±5% GRM0332C2A680JA01# 75pF ±2% GRM0332C2A750GA01# ±5% GRM0332C2A750JA01# 82pF ±2% GRM0332C2A820GA01# ±5% GRM0332C2A820JA01# 91pF ±2% GRM0332C2A910GA01# ±5% GRM0332C2A910JA01# 100pF ±2% GRM0332C2A101GA01# ±5% GRM0332C2A101JA01# 50Vdc C0G 0.10pF ±0.05pF GRM0335C1HR10WA01# 0.20pF ±0.05pF GRM0335C1HR20WA01# ±0.1pF GRM0335C1HR20BA01# 0.30pF ±0.05pF GRM0335C1HR30WA01# ±0.1pF GRM0335C1HR30BA01# 0.40pF ±0.05pF GRM0335C1HR40WA01# ±0.1pF GRM0335C1HR40BA01# 0.50pF ±0.05pF GRM0335C1HR50WA01# ±0.1pF GRM0335C1HR50BA01# 0.60pF ±0.05pF GRM0335C1HR60WA01# ±0.1pF GRM0335C1HR60BA01# 0.70pF ±0.05pF GRM0335C1HR70WA01# ±0.1pF GRM0335C1HR70BA01# 0.80pF ±0.05pF GRM0335C1HR80WA01# ±0.1pF GRM0335C1HR80BA01# 0.90pF ±0.05pF GRM0335C1HR90WA01# ±0.1pF GRM0335C1HR90BA01# 1.0pF ±0.05pF GRM0335C1H1R0WA01# ±0.1pF GRM0335C1H1R0BA01# ±0.25pF GRM0335C1H1R0CA01# 1.1pF ±0.05pF GRM0335C1H1R1WA01# ±0.1pF GRM0335C1H1R1BA01# ±0.25pF GRM0335C1H1R1CA01# 1.2pF ±0.05pF GRM0335C1H1R2WA01# ±0.1pF GRM0335C1H1R2BA01# ±0.25pF GRM0335C1H1R2CA01# 1.3pF ±0.05pF GRM0335C1H1R3WA01# ±0.1pF GRM0335C1H1R3BA01# ±0.25pF GRM0335C1H1R3CA01# 1.4pF ±0.05pF GRM0335C1H1R4WA01# ±0.1pF GRM0335C1H1R4BA01# ±0.25pF GRM0335C1H1R4CA01# 1.5pF ±0.05pF GRM0335C1H1R5WA01# ±0.1pF GRM0335C1H1R5BA01# ±0.25pF GRM0335C1H1R5CA01# 1.6pF ±0.05pF GRM0335C1H1R6WA01# ±0.1pF GRM0335C1H1R6BA01# ±0.25pF GRM0335C1H1R6CA01# 1.7pF ±0.05pF GRM0335C1H1R7WA01# ±0.1pF GRM0335C1H1R7BA01# ±0.25pF GRM0335C1H1R7CA01# 1.8pF ±0.05pF GRM0335C1H1R8WA01# GRM Series Temperature Compensating Type Part Number List (→ 0.6×0.3mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 50Vdc C0G 1.8pF ±0.1pF GRM0335C1H1R8BA01# ±0.25pF GRM0335C1H1R8CA01# 1.9pF ±0.05pF GRM0335C1H1R9WA01# ±0.1pF GRM0335C1H1R9BA01# ±0.25pF GRM0335C1H1R9CA01# 2.0pF ±0.05pF GRM0335C1H2R0WA01# ±0.1pF GRM0335C1H2R0BA01# ±0.25pF GRM0335C1H2R0CA01# 2.1pF ±0.05pF GRM0335C1H2R1WA01# ±0.1pF GRM0335C1H2R1BA01# ±0.25pF GRM0335C1H2R1CA01# 2.2pF ±0.05pF GRM0335C1H2R2WA01# ±0.1pF GRM0335C1H2R2BA01# ±0.25pF GRM0335C1H2R2CA01# 2.3pF ±0.05pF GRM0335C1H2R3WA01# ±0.1pF GRM0335C1H2R3BA01# ±0.25pF GRM0335C1H2R3CA01# 2.4pF ±0.05pF GRM0335C1H2R4WA01# ±0.1pF GRM0335C1H2R4BA01# ±0.25pF GRM0335C1H2R4CA01# 2.5pF ±0.05pF GRM0335C1H2R5WA01# ±0.1pF GRM0335C1H2R5BA01# ±0.25pF GRM0335C1H2R5CA01# 2.6pF ±0.05pF GRM0335C1H2R6WA01# ±0.1pF GRM0335C1H2R6BA01# ±0.25pF GRM0335C1H2R6CA01# 2.7pF ±0.05pF GRM0335C1H2R7WA01# ±0.1pF GRM0335C1H2R7BA01# ±0.25pF GRM0335C1H2R7CA01# 2.8pF ±0.05pF GRM0335C1H2R8WA01# ±0.1pF GRM0335C1H2R8BA01# ±0.25pF GRM0335C1H2R8CA01# 2.9pF ±0.05pF GRM0335C1H2R9WA01# ±0.1pF GRM0335C1H2R9BA01# ±0.25pF GRM0335C1H2R9CA01# 3.0pF ±0.05pF GRM0335C1H3R0WA01# ±0.1pF GRM0335C1H3R0BA01# ±0.25pF GRM0335C1H3R0CA01# 3.1pF ±0.05pF GRM0335C1H3R1WA01# ±0.1pF GRM0335C1H3R1BA01# ±0.25pF GRM0335C1H3R1CA01# 3.2pF ±0.05pF GRM0335C1H3R2WA01# ±0.1pF GRM0335C1H3R2BA01# ±0.25pF GRM0335C1H3R2CA01# 3.3pF ±0.05pF GRM0335C1H3R3WA01# ±0.1pF GRM0335C1H3R3BA01# ±0.25pF GRM0335C1H3R3CA01# 3.4pF ±0.05pF GRM0335C1H3R4WA01# ±0.1pF GRM0335C1H3R4BA01# ±0.25pF GRM0335C1H3R4CA01# 3.5pF ±0.05pF GRM0335C1H3R5WA01# ±0.1pF GRM0335C1H3R5BA01# ±0.25pF GRM0335C1H3R5CA01# 3.6pF ±0.05pF GRM0335C1H3R6WA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 55 |