| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GRM0332C2A6R9DA01 Datasheet(PDF) 59 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 Datasheet(HTML) 59 Page - Murata Manufacturing Co., Ltd |
|
59 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 1.0mm 200Vdc C0G 12pF ±5% GRM21A5C2D120JW01# 15pF ±5% GRM21A5C2D150JW01# 18pF ±5% GRM21A5C2D180JW01# 22pF ±5% GRM21A5C2D220JW01# 27pF ±5% GRM21A5C2D270JW01# 33pF ±5% GRM21A5C2D330JW01# 39pF ±5% GRM21A5C2D390JW01# 47pF ±5% GRM21A5C2D470JW01# 56pF ±5% GRM21A5C2D560JW01# 68pF ±5% GRM21A5C2D680JW01# 82pF ±5% GRM21A5C2D820JW01# 100pF ±5% GRM21A5C2D101JW01# 120pF ±5% GRM21A5C2D121JW01# 150pF ±5% GRM21A5C2D151JW01# 180pF ±5% GRM21A5C2D181JW01# 220pF ±5% GRM21A5C2D221JW01# 270pF ±5% GRM21A5C2D271JW01# 330pF ±5% GRM21A5C2D331JW01# U2J 100pF ±5% GRM21A7U2D101JW31# 120pF ±5% GRM21A7U2D121JW31# 150pF ±5% GRM21A7U2D151JW31# 180pF ±5% GRM21A7U2D181JW31# 220pF ±5% GRM21A7U2D221JW31# 270pF ±5% GRM21A7U2D271JW31# 330pF ±5% GRM21A7U2D331JW31# 390pF ±5% GRM21A7U2D391JW31# 470pF ±5% GRM21A7U2D471JW31# 560pF ±5% GRM21A7U2D561JW31# 680pF ±5% GRM21A7U2D681JW31# 820pF ±5% GRM21A7U2D821JW31# 1000pF ±5% GRM21A7U2D102JW31# 1200pF ±5% GRM21A7U2D122JW31# 1500pF ±5% GRM21A7U2D152JW31# 1800pF ±5% GRM21A7U2D182JW31# 2200pF ±5% GRM21A7U2D222JW31# 50Vdc SL 33000pF ±5% GRM21A1X1H333JA39# U2J 33000pF ±5% GRM21A7U1H333JA39# UJ 33000pF ±5% GRM21A3U1H333JA39# 1.35mm 50Vdc C0G 18000pF ±5% GRM21B5C1H183JA01# 22000pF ±5% GRM21B5C1H223JA01# CH 18000pF ±5% GRM21B2C1H183JA01# 22000pF ±5% GRM21B2C1H223JA01# SL 39000pF ±5% GRM21B1X1H393JA01# 47000pF ±5% GRM21B1X1H473JA01# U2J 39000pF ±5% GRM21B7U1H393JA01# 47000pF ±5% GRM21B7U1H473JA01# UJ 39000pF ±5% GRM21B3U1H393JA01# 47000pF ±5% GRM21B3U1H473JA01# 10Vdc SL 68000pF ±5% GRM21B1X1A683JA01# 82000pF ±5% GRM21B1X1A823JA01# 0.10µF ±5% GRM21B1X1A104JA01# U2J 68000pF ±5% GRM21B7U1A683JA01# 82000pF ±5% GRM21B7U1A823JA01# 0.10µF ±5% GRM21B7U1A104JA01# GRM Series Temperature Compensating Type Part Number List (→ 2.0×1.25mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 1.35mm 10Vdc UJ 68000pF ±5% GRM21B3U1A683JA01# 82000pF ±5% GRM21B3U1A823JA01# 0.10µF ±5% GRM21B3U1A104JA01# 1.45mm 630Vdc C0G 680pF ±5% GRM21B5C2J681JWA3# 820pF ±5% GRM21B5C2J821JWA3# 1000pF ±5% GRM21B5C2J102JWA3# 1200pF ±5% GRM21B5C2J122JWA3# 250Vdc C0G 3300pF ±5% GRM21B5C2E332JWA1# 3900pF ±5% GRM21B5C2E392JWA1# 4700pF ±5% GRM21B5C2E472JWA1# U2J 2700pF ±5% GRM21B7U2E272JW32# 3300pF ±5% GRM21B7U2E332JW32# 3900pF ±5% GRM21B7U2E392JW32# 4700pF ±5% GRM21B7U2E472JW32# 5600pF ±5% GRM21B7U2E562JW32# 200Vdc U2J 2700pF ±5% GRM21B7U2D272JW32# 3300pF ±5% GRM21B7U2D332JW32# 3900pF ±5% GRM21B7U2D392JW32# 4700pF ±5% GRM21B7U2D472JW32# 5600pF ±5% GRM21B7U2D562JW32# 3.2×1.6mm T max. Rated Voltage TC Code Cap. Tol. Part Number 0.95mm 100Vdc C0G 1800pF ±5% GRM3195C2A182JA01# 2200pF ±5% GRM3195C2A222JA01# 2700pF ±5% GRM3195C2A272JA01# 3300pF ±5% GRM3195C2A332JA01# 3900pF ±5% GRM3195C2A392JA01# 4700pF ±5% GRM3195C2A472JA01# 5600pF ±5% GRM3195C2A562JA01# 6800pF ±5% GRM3195C2A682JA01# 8200pF ±5% GRM3195C2A822JA01# 10000pF ±5% GRM3195C2A103JA01# 12000pF ±5% GRM3195C2A123JA01# 15000pF ±5% GRM3195C2A153JA01# 18000pF ±5% GRM3195C2A183JA01# 22000pF ±5% GRM3195C2A223JA01# 27000pF ±5% GRM3195C2A273JA01# 33000pF ±5% GRM3195C2A333JA01# 39000pF ±5% GRM3195C2A393JA01# CH 1800pF ±5% GRM3192C2A182JA01# 2200pF ±5% GRM3192C2A222JA01# 2700pF ±5% GRM3192C2A272JA01# 3300pF ±5% GRM3192C2A332JA01# 3900pF ±5% GRM3192C2A392JA01# 4700pF ±5% GRM3192C2A472JA01# 5600pF ±5% GRM3192C2A562JA01# 6800pF ±5% GRM3192C2A682JA01# 8200pF ±5% GRM3192C2A822JA01# 10000pF ±5% GRM3192C2A103JA01# 12000pF ±5% GRM3192C2A123JA01# 15000pF ±5% GRM3192C2A153JA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 92 |