| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GRM0332C2A6R9DA01 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd |
|
16 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc C0G 3.7pF ±0.25pF GRM0335C2A3R7CA01# 3.8pF ±0.05pF GRM0335C2A3R8WA01# ±0.1pF GRM0335C2A3R8BA01# ±0.25pF GRM0335C2A3R8CA01# 3.9pF ±0.05pF GRM0335C2A3R9WA01# ±0.1pF GRM0335C2A3R9BA01# ±0.25pF GRM0335C2A3R9CA01# 4.0pF ±0.05pF GRM0335C2A4R0WA01# ±0.1pF GRM0335C2A4R0BA01# ±0.25pF GRM0335C2A4R0CA01# 4.1pF ±0.05pF GRM0335C2A4R1WA01# ±0.1pF GRM0335C2A4R1BA01# ±0.25pF GRM0335C2A4R1CA01# 4.2pF ±0.05pF GRM0335C2A4R2WA01# ±0.1pF GRM0335C2A4R2BA01# ±0.25pF GRM0335C2A4R2CA01# 4.3pF ±0.05pF GRM0335C2A4R3WA01# ±0.1pF GRM0335C2A4R3BA01# ±0.25pF GRM0335C2A4R3CA01# 4.4pF ±0.05pF GRM0335C2A4R4WA01# ±0.1pF GRM0335C2A4R4BA01# ±0.25pF GRM0335C2A4R4CA01# 4.5pF ±0.05pF GRM0335C2A4R5WA01# ±0.1pF GRM0335C2A4R5BA01# ±0.25pF GRM0335C2A4R5CA01# 4.6pF ±0.05pF GRM0335C2A4R6WA01# ±0.1pF GRM0335C2A4R6BA01# ±0.25pF GRM0335C2A4R6CA01# 4.7pF ±0.05pF GRM0335C2A4R7WA01# ±0.1pF GRM0335C2A4R7BA01# ±0.25pF GRM0335C2A4R7CA01# 4.8pF ±0.05pF GRM0335C2A4R8WA01# ±0.1pF GRM0335C2A4R8BA01# ±0.25pF GRM0335C2A4R8CA01# 4.9pF ±0.05pF GRM0335C2A4R9WA01# ±0.1pF GRM0335C2A4R9BA01# ±0.25pF GRM0335C2A4R9CA01# 5.0pF ±0.05pF GRM0335C2A5R0WA01# ±0.1pF GRM0335C2A5R0BA01# ±0.25pF GRM0335C2A5R0CA01# 5.1pF ±0.05pF GRM0335C2A5R1WA01# ±0.1pF GRM0335C2A5R1BA01# ±0.25pF GRM0335C2A5R1CA01# ±0.5pF GRM0335C2A5R1DA01# 5.2pF ±0.05pF GRM0335C2A5R2WA01# ±0.1pF GRM0335C2A5R2BA01# ±0.25pF GRM0335C2A5R2CA01# ±0.5pF GRM0335C2A5R2DA01# 5.3pF ±0.05pF GRM0335C2A5R3WA01# ±0.1pF GRM0335C2A5R3BA01# ±0.25pF GRM0335C2A5R3CA01# ±0.5pF GRM0335C2A5R3DA01# 5.4pF ±0.05pF GRM0335C2A5R4WA01# ±0.1pF GRM0335C2A5R4BA01# GRM Series Temperature Compensating Type Part Number List (→ 0.6×0.3mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc C0G 5.4pF ±0.25pF GRM0335C2A5R4CA01# ±0.5pF GRM0335C2A5R4DA01# 5.5pF ±0.05pF GRM0335C2A5R5WA01# ±0.1pF GRM0335C2A5R5BA01# ±0.25pF GRM0335C2A5R5CA01# ±0.5pF GRM0335C2A5R5DA01# 5.6pF ±0.05pF GRM0335C2A5R6WA01# ±0.1pF GRM0335C2A5R6BA01# ±0.25pF GRM0335C2A5R6CA01# ±0.5pF GRM0335C2A5R6DA01# 5.7pF ±0.05pF GRM0335C2A5R7WA01# ±0.1pF GRM0335C2A5R7BA01# ±0.25pF GRM0335C2A5R7CA01# ±0.5pF GRM0335C2A5R7DA01# 5.8pF ±0.05pF GRM0335C2A5R8WA01# ±0.1pF GRM0335C2A5R8BA01# ±0.25pF GRM0335C2A5R8CA01# ±0.5pF GRM0335C2A5R8DA01# 5.9pF ±0.05pF GRM0335C2A5R9WA01# ±0.1pF GRM0335C2A5R9BA01# ±0.25pF GRM0335C2A5R9CA01# ±0.5pF GRM0335C2A5R9DA01# 6.0pF ±0.05pF GRM0335C2A6R0WA01# ±0.1pF GRM0335C2A6R0BA01# ±0.25pF GRM0335C2A6R0CA01# ±0.5pF GRM0335C2A6R0DA01# 6.1pF ±0.05pF GRM0335C2A6R1WA01# ±0.1pF GRM0335C2A6R1BA01# ±0.25pF GRM0335C2A6R1CA01# ±0.5pF GRM0335C2A6R1DA01# 6.2pF ±0.05pF GRM0335C2A6R2WA01# ±0.1pF GRM0335C2A6R2BA01# ±0.25pF GRM0335C2A6R2CA01# ±0.5pF GRM0335C2A6R2DA01# 6.3pF ±0.05pF GRM0335C2A6R3WA01# ±0.1pF GRM0335C2A6R3BA01# ±0.25pF GRM0335C2A6R3CA01# ±0.5pF GRM0335C2A6R3DA01# 6.4pF ±0.05pF GRM0335C2A6R4WA01# ±0.1pF GRM0335C2A6R4BA01# ±0.25pF GRM0335C2A6R4CA01# ±0.5pF GRM0335C2A6R4DA01# 6.5pF ±0.05pF GRM0335C2A6R5WA01# ±0.1pF GRM0335C2A6R5BA01# ±0.25pF GRM0335C2A6R5CA01# ±0.5pF GRM0335C2A6R5DA01# 6.6pF ±0.05pF GRM0335C2A6R6WA01# ±0.1pF GRM0335C2A6R6BA01# ±0.25pF GRM0335C2A6R6CA01# ±0.5pF GRM0335C2A6R6DA01# 6.7pF ±0.05pF GRM0335C2A6R7WA01# ±0.1pF GRM0335C2A6R7BA01# ±0.25pF GRM0335C2A6R7CA01# ±0.5pF GRM0335C2A6R7DA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 49 |