Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313DV-40T6 Datasheet(PDF) 49 Page - STMicroelectronics

No. de pieza UPSD3313DV-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313DV-40T6 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UPSD3313DV-40T6 Datasheet HTML 45Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 46Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 47Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 48Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 49Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 50Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 51Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 52Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 231 page
background image
49/231
uPSD33xx
MCU firmware may reduce the MCU clock fre-
quency at run-time to consume less current when
performing tasks that are not time critical, and then
restore full clock frequency as required to perform
urgent tasks.
Returning to full clock frequency is done automat-
ically upon an MCU interrupt, if the CPUAR Bit in
the SFR named CCON0 is set (the interrupt will
force CPUPS[2:0] = 000). This is an excellent way
to conserve power using a low frequency clock un-
til an event occurs that requires full performance.
See Table 21., page 47 for details on CPUAR.
See the DC Specifications at the end of this docu-
ment to estimate current consumption based on
the MCU clock frequency.
Note: Some of the bits in the PCON SFR shown in
Table 24., page 50 are not related to power con-
trol.
Table 22. MCU Module Port and Peripheral Status during Reduced Power Modes
Note: 1. The Watchdog Timer is not active during Idle Mode. Other supervisor functions are active: LVD, external reset, JTAG Debug reset
Table 23. State of 8032 MCU Bus Signals during Power-down and Idle Modes
Mode
Ports 1, 3, 4
PCA
SPI
I2C
ADC
SUPER-
VISOR
UART0,
UART1
TIMER
0,1,2
EXT
INT0, 1
Idle
Maintain Data
Active
Active
Active
Active
Active(1)
Active
Active
Active
Power-down
Maintain Data
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Mode
ALE
PSEN_
RD_
WR_
AD0-7
A8-15
Idle
011
1
FFh
FFh
Power-down
0
1
1
1
FFh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com