Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313DV-40T6 Datasheet(PDF) 91 Page - STMicroelectronics

No. de pieza UPSD3313DV-40T6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313DV-40T6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button UPSD3313DV-40T6 Datasheet HTML 87Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 88Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 89Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 90Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 91Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 92Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 93Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 94Page - STMicroelectronics UPSD3313DV-40T6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 231 page
background image
91/231
uPSD33xx
Figure 34. UART Mode 3, Block Diagram
Figure 35. UART Mode 3, Timing Diagram
AI06846
Zero Detector
Internal Bus
Tx Control
Rx Control
Internal Bus
SBUF
Write
to
SBUF
Read
SBUF
Load
SBUF
SBUF
Input Shift Register
Shift
Serial
Port
Interrupt
Rx Clock
Start
Tx Clock
Start
Shift
Shift
Send
Load SBUF
TI
RI
CL
DS
Q
1FFh
TxD
Pin
Data
Rx Detector
RxD
Pin
1-to-0
Transition
Detector
÷16
Sample
÷16
÷2
TB8
Timer1
Overflow
Timer2
Overflow
0
01
1
01
TCLK
RCLK
SMOD
AI06847
Write to SBUF
Data
Shift
TxD
TI
Rx Clock
RxD
Bit Detector
Sample Times
Shift
RI
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
Send
Tx Clock
Start Bit
Stop Bit
TB8
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
RB8
Stop Bit
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com