| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPSD3313DV-40T6 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3313DV-40T6 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 231 page ![]() 1/231 PRELIMINARY DATA January 2005 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. uPSD33xx Turbo Series Fast 8032 MCU with Programmable Logic FEATURES SUMMARY ■ FAST 8-BIT TURBO 8032 MCU, 40MHz – Advanced core, 4-clocks per instruction – 10 MIPs peak performance at 40MHz (5V) – JTAG Debug and In-System Programming – Branch Cache & 6 instruction Prefetch Queue – Dual XDATA pointers with auto incr & decr – Compatible with 3rd party 8051 tools ■ DUAL FLASH MEMORIES WITH MEMORY MANAGEMENT – Place either memory into 8032 program address space or data address space – READ-while-WRITE operation for In- Application Programming and EEPROM emulation – Single voltage program and erase – 100K guaranteed erase cycles, 15-year retention ■ CLOCK, RESET, AND SUPPLY MANAGEMENT – SRAM is Battery Backup capable – Flexible 8-level CPU clock divider register – Normal, Idle, and Power Down Modes – Power-on and Low Voltage reset supervisor – Programmable Watchdog Timer ■ PROGRAMMABLE LOGIC, GENERAL PURPOSE – 16 macrocells – Create shifters, state machines, chip- selects, glue-logic to keypads, panels, LCDs, others ■ COMMUNICATION INTERFACES –I2C Master/Slave controller, 833KHz – SPI Master controller, 10MHz – Two UARTs with independent baud rate – IrDA protocol support up to 115K baud – Up to 46 I/O, 5V tolerant on 3.3V uPSD33xxV Figure 1. Packages ■ A/D CONVERTER – Eight Channels, 10-bit resolution, 6µs ■ TIMERS AND INTERRUPTS – Three 8032 standard 16-bit timers – Programmable Counter Array (PCA), six 16-bit modules for PWM, CAPCOM, and timers – 8/10/16-bit PWM operation – 11 Interrupt sources with two external interrupt pins ■ OPERATING VOLTAGE SOURCE (±10%) – 5V devices use both 5.0V and 3.3V sources – 3.3V devices use only 3.3V source TQFP52 (T) 52-lead, Thin, Quad, Flat TQFP80 (U) 80-lead, Thin, Quad, Flat |
Número de pieza similar - UPSD3313DV-40T6 |
|
Descripción similar - UPSD3313DV-40T6 |