Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZSSC3123AI2R Datasheet(PDF) 20 Page - Renesas Technology Corp

No. de pieza ZSSC3123AI2R
Descripción Electrónicos  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 18Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 19Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 20Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 21Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 22Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 23Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 20
© 2021 Renesas Electronics
Table 8.
Mult 4: Sensor Capacitors Ranging from 32pF to 130pF (Full Scale Values)
Table 9.
Mult 8: Sensor Capacitors Ranging from 130pF to 260pF (Full Scale Values)
9.2.2 Temperature Measurement
The temperature signal comes from an internal PTAT (proportional to absolute temperature) circuit that is a measure of the die temperature.
The PTAT (VPTAT) voltage is used in the CDC to charge an internal capacitor (CT), while the bandgap voltage (VBG) is used to charge the
offset and the reference trimmable capacitors. The CDC temperature output (ZTEMP) is defined by Equation 10 through Equation 13:
RES
PTAT
BG
T
TOFF
TEMP
TREF
(V
/ V ) C
C
Z
C


2
Equation 10
With
T
C
.
Temp _Trim pF
1 44
1
Equation 11
With
TOFF
C
.
CDC _Offset pF
1 44
1
Equation 12
And
TREF
C
.
CDC _ Reference pF
1 44
1
Equation 13
Where:
Symbol
Description
ZTEMP
Measured internal temperature
RES
Programmable CDC resolution of 8, 10, 12, or 14 bits (bit setting in Table 31)
VPTAT
Internal PTAT voltage
VBG
Internal bandgap voltage
1
0 0.0
C1
0.0
23.0
0.0
46.1
0.0
69.1
0.0
92.2
0.0
115.2
0.0
138.2
0.0
161.3
1 23.0
C1
23.0
46.1
23.0
69.1
23.0
92.2
23.0 115.2 23.0 138.2 23.0 161.3
2 46.1
C1
46.1
69.1
46.1
92.2
46.1 115.2 46.1 138.2 46.1 161.3
3 69.1
C1
69.1
92.2
69.1 115.2 69.1 138.2 69.1 161.3
4 92.2
C1
92.2 115.2 92.2 138.2 92.2 161.3
5 115.2
C1
115.2 138.2 115.2 161.3
6 138.2
C1
138.2 161.3
7
not recommended
2
3
4
5
PROHIBITED
0*
3-bit set
CDC_Reference
6
7
1
0 0.0
C1
0.0
92.2
0.0
184.3
0.0
276.5
1 92.2 C1 92.2 184.3 92.2 276.5
2 184.3 C1 184.3 276.5
3
4
5
6
7
not recommended
3-bit set
CDC_Reference
7
0*
2
3
4
5
6
PROHIBITED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com