| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ZSSC3123AI2R Datasheet(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC3123AI2R Datasheet(HTML) 38 Page - Renesas Technology Corp |
|
38 / 62 page ![]() ZSSC3123 Datasheet Nov 19, 2021 Page 38 © 2021 Renesas Electronics The two alarm outputs can be used at the same time, and these alarms can be used in combination with any of the other three modes; I2C, SPI, or PDM. Note: When both PMD_C and PDM_T are selected, only Alarm_High is available (see section 10.5). The alarm outputs are updated when a conversion cycle is completed. The alarm outputs can be used in both Update Mode and Sleep Mode, but if Sleep Mode is used, I2C or SPI must also be used to control the measurements (see section 10.3). 10.8.1 Alarm Registers Four registers are associated with the alarm functions: Alarm_High_On, Alarm_High_Off, Alarm_Low_On, and Alarm_Low_Off (see Table 28 for EEPROM addresses). Each of these four registers is a 14-bit value that determines where the alarms turn on or off. The two high alarm registers form the output with hysteresis for the Alarm_High pin, and the two low alarm registers form the output with hysteresis for the Alarm_Low pin. Each of the two alarm pins can be configured independently using Alarm_Low_Cfg and Alarm_High_Cfg located in EEPROM word Cust_Config (see Table 32 for bit assignments). Note: If two high alarms or two low alarms are needed, see section 10.8.4. 10.8.2 Alarm Operation As shown in the following figure, the Alarm_High_On register determines where the high alarm trip point is and the Alarm_High_Off register determines where the high alarm turns off if the high alarm has been activated. The high alarm hysteresis value is equal to Alarm_High_On – Alarm_High_Off. The same is true for the low alarm where Alarm_Low_On is the low alarm trip point with Alarm_Low_Off determining the alarm shut off point. The low alarm hysteresis value is equal to Alarm_Low_Off – Alarm_Low_On. Figure 24 shows the output operation flowcharts for both the Alarm_High and Alarm_Low pins. Figure 23. Example of Alarm Function Time Alarm_High_On Alarm_High_Off Alarm_Low_Off Alarm_Low_On High Alarm Pin On Low Alarm Pin On Low Alarm Pin Off Hysteresis Hysteresis High Alarm Pin Off |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |