Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADUM7703
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM7703_V01 Datasheet HTML 7Page - Analog Devices ADUM7703_V01 Datasheet HTML 8Page - Analog Devices ADUM7703_V01 Datasheet HTML 9Page - Analog Devices ADUM7703_V01 Datasheet HTML 10Page - Analog Devices ADUM7703_V01 Datasheet HTML 11Page - Analog Devices ADUM7703_V01 Datasheet HTML 12Page - Analog Devices ADUM7703_V01 Datasheet HTML 13Page - Analog Devices ADUM7703_V01 Datasheet HTML 14Page - Analog Devices ADUM7703_V01 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet
ADuM7703
Rev. A | Page 11 of 22
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDD1 = 5 V, VDD2 = 5 V, VIN+ = −250 mV to +250 mV, VIN− = 0 V, and fMCLKIN = 20 MHz, using a sinc3 filter with a
256 oversampling ratio (OSR), unless otherwise noted.
–140
–120
–100
–80
–60
–40
–20
0
0
200
400
600
800
1000
SUPPLY RIPPLE FREQUENCY (kHz)
Figure 7. Power Supply Rejection Ratio (PSRR) vs. Supply Ripple Frequency
–140
–120
–100
–80
–60
–40
–20
0
0.1
1
10
100
1000
COMMON-MODE RIPPLE FREQUENCY (kHz)
SHORTED VIN± INPUTS
200mV p-p SINE WAVE ON INPUTS
MCLKIN = 10MHz, SINC3 OSR = 256
MCLKIN = 20MHz, SINC3 OSR = 256
Figure 8. Common-Mode Rejection Ratio (CMRR) vs. Common-Mode
Ripple Frequency
70
72
74
76
78
80
82
84
86
88
90
0.1
1
10
ANALOG INPUT FREQUENCY (KHz)
SINAD 10 MHz MCLKIN
SINAD 20 MHz MCLKIN
Figure 9. SINAD vs. Analog Input Frequency
–160
–140
–120
–100
–80
–60
–40
–20
0
0
5
10
15
20
25
30
FREQUENCY (kHz)
fIN = 1kHz
SNR = 86.6dB
SINAD = 86.2dB
THD = –96.5dB
Figure 10. Typical Fast Fourier Transform (FFT) (fIN is the Input Frequency)
–1.0
–0.8
–0.6
–0.4
0.4
–0.2
0.2
0
0.6
0.8
1.0
0
10
20
30
405060
CODE (In Thousands)
Figure 11. Typical DNL Error
–2.0
–1.5
–1.0
–0.5
1.0
0.5
0
1.5
2.0
0
10
20
3040
5060
CODE (In Thousands)
Figure 12. Typical INL Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com