Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADUM7703
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM7703_V01 Datasheet HTML 6Page - Analog Devices ADUM7703_V01 Datasheet HTML 7Page - Analog Devices ADUM7703_V01 Datasheet HTML 8Page - Analog Devices ADUM7703_V01 Datasheet HTML 9Page - Analog Devices ADUM7703_V01 Datasheet HTML 10Page - Analog Devices ADUM7703_V01 Datasheet HTML 11Page - Analog Devices ADUM7703_V01 Datasheet HTML 12Page - Analog Devices ADUM7703_V01 Datasheet HTML 13Page - Analog Devices ADUM7703_V01 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADuM7703
Data Sheet
Rev. A | Page 10 of 22
VDD1 1
VIN+ 2
VIN– 3
GND1 4
MDAT
8
GND2
7
VDD2
6
MCLKIN
5
ADuM7703
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT GND1 BEFORE VDD1.
Figure 6. 8-Lead SOIC_IC Pin Configuration
Table 12. 8-Lead SOIC_IC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Supply Voltage, 4.5 V to 20 V. This pin is the supply voltage for the isolated side of the ADuM7703 and is relative to
GND1. For device operation, connect the VDD1 supply voltage to the VDD1 pin. Decouple the supply pin to GND1 with
a 10 μF capacitor in parallel with a 100 nF capacitor as close to the pin as possible.
2
VIN+
Positive Analog Input.
3
VIN−
Negative Analog Input.
4
GND1
Ground 1. This pin is the ground reference point for all circuitry on the isolated side.
5
GND2
Ground 2. This pin is the ground reference point for all circuitry on the nonisolated side.
6
MDAT
Serial Data Output. The single-bit modulator output is supplied to this pin as a serial data stream. The bits are
clocked out on the rising edge of the MCLKIN input and are valid on the following MCLKIN rising edge.
7
MCLKIN
Master Clock Logic Input, 5 MHz to 21 MHz frequency range. The bit stream from the modulator is propagated on
the rising edge of the MCLKIN.
8
VDD2
Supply Voltage, 3 V or 5.5 V. This pin is the supply voltage for the nonisolated side and is relative to GND2.
Decouple this supply to GND2 with a 10 μF capacitor in parallel with a 100 nF capacitor as close to the pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com