Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6406 Datasheet(PDF) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

No. de pieza 6406
Descripción Electrónicos  30V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Página de inicio  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

6406 Datasheet(HTML) 6 Page - Shenzhen Tuofeng Semiconductor Technology Co

  6406 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 6406 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Id
L
Vds
BV
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E
= 1/2 LI
AR
AR
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
Vgs
Vds
Id
Vgs
I
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
dI/dt
I RM
rr
Vdd
Vdd
Q
= -
Idt
t
rr
6406
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
N-Channel Enhancement Mode Power MOSFET
www.sztuofeng.com
Feb,2018 V1.0
6



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com