Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TGF2977-SM Datasheet(PDF) 1 Page - Qorvo, Inc

No. de pieza TGF2977-SM
Descripción Electrónicos  DC ??12 GHz, 32 V, 5 W GaN RF Transistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGF2977-SM Datasheet(HTML) 1 Page - Qorvo, Inc

  TGF2977-SM Datasheet HTML 1Page - Qorvo, Inc TGF2977-SM Datasheet HTML 2Page - Qorvo, Inc TGF2977-SM Datasheet HTML 3Page - Qorvo, Inc TGF2977-SM Datasheet HTML 4Page - Qorvo, Inc TGF2977-SM Datasheet HTML 5Page - Qorvo, Inc TGF2977-SM Datasheet HTML 6Page - Qorvo, Inc TGF2977-SM Datasheet HTML 7Page - Qorvo, Inc TGF2977-SM Datasheet HTML 8Page - Qorvo, Inc TGF2977-SM Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TGF2977-SM
DC – 12 GHz, 32 V, 5 W GaN RF Transistor
Datasheet Rev. B, July 25, 2017 | Subject to change without notice
- 1 of 28 -
www.qorvo.com
3 x 3mm Package
Product Overview
The Qorvo TGF2977-SM is a 5 W (P3dB) discrete GaN on SiC
HEMT which operates from DC to 12 GHz and 32 V supply.
The device is in an industry standard overmolded package
and is ideally suited for avionics, military, marine and
weather radar. The device can support pulsed and linear
operations.
Lead-free and ROHS compliant.
Evaluation boards are available upon request.
Functional Block Diagram
Key Features
• Frequency: DC to 12 GHz
• Output Power (P3dB)1: 4.8 W
• Linear Gain1: 13 dB
• Typical PAE3dB1: 50%
• Operating Voltage: 32 V
• CW and Pulse capable
Note 1: @ 9 GHz Load Pull
Applications
• Military radar
• Commercial radar
o
Avionics
o
Marine
o
Weather
Ordering info
Part No.
ECCN
Description
TGF2977-SM
EAR99
QFN Packaged Part
TGF2977-
SMEVBP01
EAR99
9 – 10 GHz EVB
TGF2977-
SMEVBP02
EAR99
2.6 – 4.2 GHz EVB
2
3
4
12
11
10
9
1
5
6
7
8
16
15
14
13
VG, RF IN
VD, RF OUT
VD, RF OUT
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
VG, RF IN


Número de pieza similar - TGF2977-SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qorvo, Inc
TGF2978-SM QORVO-TGF2978-SM Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
TGF2978-SMEVB01 QORVO-TGF2978-SMEVB01 Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
TGF2978-SMEVB02 QORVO-TGF2978-SMEVB02 Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
TGF2978-SMEVB03 QORVO-TGF2978-SMEVB03 Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
TGF2978-SMEVB04 QORVO-TGF2978-SMEVB04 Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
More results

Descripción similar - TGF2977-SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Qorvo, Inc
TGF2978-SM QORVO-TGF2978-SM Datasheet
2Mb / 33P
20 W, 32 V, DC to 12 GHz, GaN RF Transistor
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
DC ??25 GHz, 28 V, 7 W GaN RF Transistor
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
DC ??25 GHz, 28 V, 14 W GaN RF Transistor
TGF3021-SM QORVO-TGF3021-SM Datasheet
2Mb / 31P
30 W, 32 V, 0.03 to 4 GHz, GaN RF Transistor
TGF3020-SM QORVO-TGF3020-SM Datasheet
2Mb / 24P
4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
QPD0030 QORVO-QPD0030 Datasheet
1Mb / 12P
45 W, 48 V, DC to 5 GHz, GaN RF Power Transistor
October 7, 2019
QPD1016L QORVO-QPD1016L Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
TGF3020-SM QORVO-TGF3020-SM_V01 Datasheet
2Mb / 19P
4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com