Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 139 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 139 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 135Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 136Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 137Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 138Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 139Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 140Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 141Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 139
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 11-12: SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)
Input Name(1)
Function Name
Register
Configuration Bits
External Interrupt 1
INT1
RPINR0
INT1R<7:0>
External Interrupt 2
INT2
RPINR1
INT2R<7:0>
Timer1 External Clock
T1CK
RPINR2
T1CKR<7:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<7:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<7:0>
Input Capture 1
IC1
RPINR7
IC1R<7:0>
Input Capture 2
IC2
RPINR7
IC2R<7:0>
Input Capture 3
IC3
RPINR8
IC3R<7:0>
Input Capture 4
IC4
RPINR8
IC4R<7:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<7:0>
PWM Fault 1
FLT1
RPINR12
FLT1R<7:0>
PWM Fault 2
FLT2
RPINR12
FLT2R<7:0>
PWM Fault 3
FLT3
RPINR13
FLT3R<7:0>
PWM Fault 4
FLT4
RPINR13
FLT4R<7:0>
UART1 Receive
U1RX
RPINR18
U1RXR<7:0>
UART1 Clear-to-Send
U1CTS
RPINR18
U1CTSR<7:0>
UART2 Receive
U2RX
RPINR19
U2RXR<7:0>
UART2 Clear-to-Send
U2CTS
RPINR19
U2CTSR<7:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<7:0>
SPI1 Clock Input
SCK1
RPINR20
SCK1R<7:0>
SPI1 Slave Select
SS1
RPINR21
SS1R<7:0>
CAN1 Receive
C1RX
PRINR26
C1RXR<7:0>
CAN2 Receive
C2RX
PRINR26
C2RXR<7:0>
SPI3 Data Input
SDI3
RPINR29
SDI3R<7:0>
SPI3 Clock Input
SCK3
RPINR29
SCK3R<7:0>
SPI3 Slave Select
SS3
RPINR30
SS3R<7:0>
SPI2 Data Input
SDI2
RPINR22
SDI2R<7:0>
SPI2 Clock Input
SCK2
RPINR22
SCK2R<7:0>
SPI2 Slave Select
SS2
RPINR23
SS2R<7:0>
PWM Synchronous Input 1
SYNCI1
RPINR37
SYNCI1R<7:0>
PWM Synchronous Input 2
SYNCI2
RPINR38
SYNCI2R<7:0>
PWM Fault 5
FLT5
RPINR42
FLT5R<7:0>
PWM Fault 6
FLT6
RPINR42
FLT6R<7:0>
PWM Fault 7
FLT7
RPINR43
FLT7R<7:0>
PWM Fault 8
FLT8
RPINR43
FLT8R<7:0>
CLC Input A
CLCINA
RPINR45
CLCINA<7:0>
CLC Input B
CLCINB
RPINR46
CLCINB<7:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt Trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More