Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 82 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 82 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 80Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 81Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 82Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 83Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 84Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 85Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 82
 2016-2018 Microchip Technology Inc.
AN17 Conversion Done
168
160
0x000154
IFS10<0>
AN17IF
IEC10<0>
AN17IE
IPC40<2:0>
AN17IP<2:0>
AN18 Conversion Done
169
161
0x000156
IFS10<1>
AN18IF
IEC10<1>
AN18IE
IPC40<6:4>
AN18IP<2:0>
AN19 Conversion Done
170
162
0x000158
IFS10<2>
AN19IF
IEC10<2>
AN19IE
IPC40<10:8>
AN19IP<2:0>
AN20 Conversion Done
171
163
0x00015A
IFS10<3>
AN20IF
IEC10<3>
AN20IE
IPC40<14:12>
AN20IP<2:0>
AN21 Conversion Done
172
164
0x00015C
IFS10<4>
AN21IF
IEC10<4>
AN21IE
IPC41<2:0>
AN21IP<2:0>
Reserved
173-180 165-172 0x00015C-0x00016C
—
—
—
I2C1 – I2C1 Bus Collision
181
173
0x00016E
IFS10<13>
I2C1IF
IEC10<13>
I2C1IE
IPC43<6:4>
I2C1IP<2:0>
I2C2 – I2C2 Bus Collision
182
174
0x000170
IFS10<14>
I2C2IF
IEC10<14>
I2C2IE
IPC43<10:8>
I2C2IP<2:0>
Reserved
183-184 175-176 0x000172-0x000174
—
—
—
ADCMP0 – ADC Digital Comparator 0
185
177
0x000176
IFS11<1>
ADCMP0IF
IEC11<1>
ADCMP0IE
IPC44<6:4>
ADCMP0IP<2:0>
ADCMP1 – ADC Digital Comparator 1
186
178
0x000178
IFS11<2>
ADCMP1IF
IEC11<2>
ADCMP1IE
IPC44<10:8>
ADCMP1IP<2:0>
ADFLTR0 – ADC Filter 0
187
179
0x00017A
IFS11<3>
ADFLTR0IF
IEC11<3>
ADFLTR0IE
IPC44<14:12>
ADFLTR0IP<2:0>
ADFLTR1 – ADC Filter 1
188
180
0x00017C
IFS11<4>
ADFLTR1IF
IEC11<4>
ADFLTR1IE
IPC45<2:0>
ADFLTR1IP<2:0>
Reserved
189-253 181-245 0x00017E-0x000192
—
—
—
TABLE 7-1:
INTERRUPT VECTOR DETAILS (CONTINUED)
Interrupt Source
Vector
#
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More