Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 80 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 80 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 76Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 77Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 80Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 81Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 82Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 83Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 80
 2016-2018 Microchip Technology Inc.
PSES – PWM Secondary Special
Event Match
81
73
0x0000A6
IFS4<9>
PSESIF
IEC4<9>
PSESIE
IPC18<6:4>
PSESIP<2:0>
Reserved
82-97
74-89
0x0000A8-0x0000C6
—
—
—
SPI3TX – SPI3 Transfer Done
98
90
0x0000C8
IFS5<10>
SPI3TXIF
IEC5<10>
SPI3TXIE
IPC22<10:8>
SPI3TXIP<2:0>
SPI3RX – SPI3 Receive Done
99
91
0x0000CA
IFS5<10>
SPI3RXIF
IEC5<11>
SPI3RXIE
IPC22<14:12>
SPI3RXIP<2:0>
Reserved
100-101
92-93 0x0000CC-0x0000CE
—
—
—
PWM1 – PWM1 Interrupt
102
94
0x0000D0
IFS5<14>
PWM1IF
IEC5<14>
PWM1IE
IPC23<10:8>
PWM1IP<2:0>
PWM2 – PWM2 Interrupt
103
95
0x0000D2
IFS5<15>
PWM2IF
IEC5<15>
PWM2IE
IPC23<14:12>
PWM2IP<2:0>
PWM3 – PWM3 Interrupt
104
96
0x0000D4
IFS6<0>
PWM3IF
IEC6<0>
PWM3IE
IPC24<2:0>
PWM3IP<2:0>
PWM4 – PWM4 Interrupt
105
97
0x0000D6
IFS6<1>
PWM4IF
IEC6<1>
PWM4IE
IPC24<6:4>
PWM4IP<2:0>
PWM5 – PWM5 Interrupt
106
98
0x0000D8
IFS6<2>
PWM5IF
IEC6<2>
PWM5IE
IPC24<10:8>
PWM5IP<2:0>
PWM6 – PWM6 Interrupt
107
99
0x0000DA
IFS6<3>
PWM6IF
IEC6<3>
PWM6IE
IPC24<14:12>
PWM6IP<2:0>
PWM7 – PWM7 Interrupt
108
100
0x0000DC
IFS6<4>
PWM7IF
IEC6<4>
PWM7IE
IPC25<2:0>
PWM7IP<2:0>
PWM8 – PWM8 Interrupt
109
101
0x0000DE
IFS6<5>
PWM8IF
IEC6<5>
PWM8IE
IPC25<6:4>
PWM8IP<2:0>
Reserved
110
102
0x0000E0
—
—
—
AC2 – Analog Comparator 2 Interrupt
111
103
0x0000E2
IFS6<7>
AC2IF
IEC6<7>
AC2IE
IPC25<14:12>
AC2IP<2:0>
AC3 – Analog Comparator 3 Interrupt
112
104
0x0000E4
IFS6<8>
AC3IF
IEC6<8>
AC3IE
IPC26<2:0>
AC3IP<2:0>
AC4 – Analog Comparator 4 Interrupt
113
105
0x0000E6
IFS6<9>
AC4IF
IEC6<9>
AC4IE
IPC26<6:4>
AC4IP<2:0>
Reserved
114-117 106-109 0x0000E8-0x0000EE
—
—
—
AN0 Conversion Done
118
110
0x0000F0
IFS6<14>
AN0IF
IEC6<14>
AN0IE
IPC27<10:8>
AN0IP<2:0>
AN1 Conversion Done
119
111
0x0000F2
IFS6<15>
AN1IF
IEC6<15>
AN1IE
IPC27<14:12>
AN1IP<2:0>
AN2 Conversion Done
120
112
0x0000F4
IFS7<0>
AN2IF
IEC7<0>
AN2IE
IPC28<2:0>
AN2IP<2:0>
AN3 Conversion Done
121
113
0x0000F6
IFS7<1>
AN3IF
IEC7<1>
AN3IE
IPC28<6:4>
AN3IP<2:0>
AN4 Conversion Done
122
114
0x0000F8
IFS7<2>
AN4IF
IEC7<2>
AN4IE
IPC28<10:8>
AN4IP<2:0>
AN5 Conversion Done
123
115
0x0000FA
IFS7<3>
AN5IF
IEC7<3>
AN5IE
IPC28<14:12>
AN5IP<2:0>
AN6 Conversion Done
124
116
0x0000FC
IFS7<4>
AN6IF
IEC7<4>
AN6IE
IPC29<2:0>
AN6IP<2:0>
AN7 Conversion Done
125
117
0x0000FE
IFS7<5>
AN7IF
IEC7<5>
AN7IE
IPC29<6:4>
AN7IP<2:0>
Reserved
126-131 118-123 0x000100-0x00010A
—
—
—
TABLE 7-1:
INTERRUPT VECTOR DETAILS (CONTINUED)
Interrupt Source
Vector
#
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More