Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 77 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 77 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 73Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 74Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 75Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 76Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 77Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 80Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 77
dsPIC33EPXXXGS70X/80X FAMILY
FIGURE 7-2:
dsPIC33EPXXXGS70X/80X ALTERNATE INTERRUPT VECTOR TABLE(2)
Note 1: The address depends on the size of the Boot Segment defined by BSLIM<12:0>.
[(BSLIM<12:0> – 1) x 0x400] + Offset.
2: In Dual Partition Flash modes, each partition has a dedicated Alternate Interrupt Vector
Table (if enabled).
Reserved
BSLIM<12:0>(1) + 0x000000
Reserved
BSLIM<12:0>(1) + 0x000002
Oscillator Fail Trap Vector
BSLIM<12:0>(1) + 0x000004
Address Error Trap Vector
BSLIM<12:0>(1) + 0x000006
Generic Hard Trap Vector
BSLIM<12:0>(1) + 0x000008
Stack Error Trap Vector
BSLIM<12:0>(1) + 0x00000A
Math Error Trap Vector
BSLIM<12:0>(1) + 0x00000C
Reserved
BSLIM<12:0>(1) + 0x00000E
Generic Soft Trap Vector
BSLIM<12:0>(1) + 0x000010
Reserved
BSLIM<12:0>(1) + 0x000012
Interrupt Vector 0
BSLIM<12:0>(1) + 0x000014
Interrupt Vector 1
BSLIM<12:0>(1) + 0x000016
::
::
::
Interrupt Vector 52
BSLIM<12:0>(1) + 0x00007C
Interrupt Vector 53
BSLIM<12:0>(1) + 0x00007E
Interrupt Vector 54
BSLIM<12:0>(1) + 0x000080
::
::
::
Interrupt Vector 116
BSLIM<12:0>(1) + 0x0000FC
Interrupt Vector 117
BSLIM<12:0>(1) + 0x0000FE
Interrupt Vector 118
BSLIM<12:0>(1) + 0x000100
Interrupt Vector 119
BSLIM<12:0>(1) + 0x000102
Interrupt Vector 120
BSLIM<12:0>(1) + 0x000104
::
::
::
Interrupt Vector 244
BSLIM<12:0>(1) + 0x0001FC
Interrupt Vector 245
BSLIM<12:0>(1) + 0x0001FE
See Table 7-1 for
Interrupt Vector Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More