Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 463 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 463 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 459Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 460Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 461Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 462Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 463Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 464Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 465Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 466Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 467Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 463
dsPIC33EPXXXGS70X/80X FAMILY
0.20 C A-B D
64 X b
0.08
C A-B D
C
SEATING
PLANE
4X N/4 TIPS
TOP VIEW
SIDE VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-085C Sheet 1 of 2
64-Lead Plastic Thin Quad Flatpack (PT)-10x10x1 mm Body, 2.00 mm Footprint [TQFP]
D
E
E1
D1
D
A
B
0.20 H A-B D
4X
D1/2
e
A
0.08 C
A1
A2
SEE DETAIL 1
A
A
E1/2
NOTE 1
NOTE 2
1
2
3
N
0.05