Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 457 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 457 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 453Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 454Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 455Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 456Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 457Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 458Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 459Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 460Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 461Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 457
dsPIC33EPXXXGS70X/80X FAMILY
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Microchip Technology Drawing C04-103D Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
44-Lead Plastic Quad Flat, No Lead Package (ML) - 8x8 mm Body [QFN or VQFN]
B
A
0.20 C
0.20 C
0.07
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
2X
44X
D
E
A3
A
A1
D2
E2
L
44X b
K
e