Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 448 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 448 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 444Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 445Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 446Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 447Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 448Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 449Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 450Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 451Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 452Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 448
 2016-2018 Microchip Technology Inc.
B
A
0.10 C
0.10 C
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Microchip Technology Drawing C04-385 Rev C Sheet 1 of 2
2X
28X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
28-Lead Ultra Thin Plastic Quad Flat, No Lead Package (2N) - 6x6x0.55 mm Body [UQFN]
D
E
E2
D2
2X P
28X b
e
A
(A3)
A1
28X K
With 4.65x4.65 mm Exposed Pad and Corner Anchors
8X b1
L
8X b2