| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC33EP128GS708 Datasheet(PDF) 443 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33EP128GS708 Datasheet(HTML) 443 Page - Microchip Technology |
|
443 / 484 page ![]() 2016-2018 Microchip Technology Inc. DS70005258C-page 443 dsPIC33EPXXXGS70X/80X FAMILY 32.0 PACKAGING INFORMATION 32.1 Package Marking Information 28-Lead SOIC (7.50 mm) XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXXXXX YYWWNNN Example dsPIC33EP128GS702 1810017 28-Lead UQFN (6x6x0.55 mm) XXXXXXXX 28-Lead QFN-S (6x6x0.9 mm) XXXXXXXX YYWWNNN 33EP128 Example GS702 1810017 XXXXXXXX XXXXXXXX YYWWNNN 33EP128 GS702 1810017 Example Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 44-Lead TQFP (10x10x1 mm) XXXXXXXXXX XXXXXXXXXX XXXXXXXXXX YYWWNNN Example dsPIC33EP 64GS804 1810017 |