Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 418 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 418 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 414Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 415Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 416Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 417Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 418Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 419Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 420Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 421Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 422Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 418
 2016-2018 Microchip Technology Inc.
FIGURE 30-23:
SPI3 SLAVE MODE (FULL-DUPLEX, CKE = 1, CKP = 0, SMP = 0)
TIMING CHARACTERISTICS(1,2)
SS3
SCK3
(CKP = 0)
SCK3
(CKP = 1)
SDO3
SP60
SDI3
SP30, SP31
MSb
Bit 14 - - - - - -1
LSb
SP51
Bit 14 - - - -1
LSb In
SP52
SP73
SP72
SP72
SP73
SP40
SP41
SP36
SP35
MSb In
SP70
SP50
Note 1: For dsPIC33EPXXXGSX06 and dsPIC33EPXXXGSX08 devices with a fixed SCK3 pin.
2: Refer to Figure 30-1 for load conditions.