Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSPIC33EP128GS708 Datasheet(PDF) 356 Page - Microchip Technology

No. de pieza DSPIC33EP128GS708
Descripción Electrónicos  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 356 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 352Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 353Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 354Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 355Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 356Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 357Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 358Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 359Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 360Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 356
 2016-2018 Microchip Technology Inc.
CTXT4<2:0>
Alternate Working Register Set 4 Interrupt Priority Level (IPL) Select bits
111 = Reserved
110 = Assigned to IPL of 7
101 = Assigned to IPL of 6
100 = Assigned to IPL of 5
011 = Assigned to IPL of 4
010 = Assigned to IPL of 3
001 = Assigned to IPL of 2
000 = Assigned to IPL of 1
BTMODE<1:0>
Boot Mode Configuration bits
11 = Single Partition mode
10 = Dual Partition mode
01 = Protected Dual Partition mode
00 = Privileged Dual Partition mode
TABLE 27-2:
CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Description
Note 1:
The Boot Segment must be present to use the Alternate Interrupt Vector Table.