| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC33EP128GS708 Datasheet(PDF) 246 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33EP128GS708 Datasheet(HTML) 246 Page - Microchip Technology |
|
246 / 484 page ![]() dsPIC33EPXXXGS70X/80X FAMILY DS70005258C-page 246 2016-2018 Microchip Technology Inc. FIGURE 18-3: SPIx MASTER/SLAVE CONNECTION (STANDARD MODE) Serial Transmit Buffer (SPIxTXB)(2) Shift Register (SPIxTXSR) LSb MSb SDIx SDOx Processor 2 (SPIx Slave) SCKx SSx(1) Serial Receive Buffer (SPIxRXB)(2) Serial Receive Buffer (SPIxRXB)(2) Shift Register (SPIxRXSR) MSb LSb SDOx SDIx Processor 1 (SPIx Master) Serial Clock MSSEN (SPIxCON1H<4>) = 1 and MSTEN (SPIxCON1L<5>) = 0 Note 1: Using the SSx pin in Slave mode of operation is optional. 2: User must write transmit data to read the received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory-mapped to SPIxBUF. SCKx Serial Transmit Buffer (SPIxTXB)(2) MSTEN (SPIxCON1L<5>) = 1) SPIx Buffer (SPIxBUF)(2) SPIx Buffer (SPIxBUF)(2) Shift Register (SPIxTXSR) Shift Register (SPIxRXSR) MSb LSb LSb MSb SDOx SDIx |