| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DSPIC33EP128GS708 Datasheet(PDF) 231 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33EP128GS708 Datasheet(HTML) 231 Page - Microchip Technology |
|
231 / 484 page ![]() 2016-2018 Microchip Technology Inc. DS70005258C-page 231 dsPIC33EPXXXGS70X/80X FAMILY TABLE 17-1: PTG STEP COMMAND FORMAT (CONTINUED) bit 3-0 Step Command OPTION<3:0> Option Description PTGWHI(1) or PTGWLO(1) 0000 PWM Special Event Trigger 0001 PWM master time base synchronization output 0010 PWM1 interrupt 0011 PWM2 interrupt 0100 PWM3 interrupt 0101 PWM4 interrupt 0110 PWM5 interrupt 0111 OC1 trigger event 1000 OC2 trigger event 1001 IC1 trigger event 1010 CMP1 trigger event 1011 CMP2 trigger event 1100 CMP3 trigger event 1101 CMP4 trigger event 1110 ADC conversion done interrupt 1111 INT2 external interrupt PTGIRQ(1) 0000 Generate PTG Interrupt 0 0001 Generate PTG Interrupt 1 0010 Generate PTG Interrupt 2 0011 Generate PTG Interrupt 3 0100 Reserved • • • • • • 1111 Reserved PTGTRIG(2) 00000 PTGO0 00001 PTGO1 • • • • • • 11110 PTGO30 11111 PTGO31 Note 1: All reserved commands or options will execute but have no effect (i.e., execute as a NOP instruction). 2: Refer to Table 17-2 for the trigger output descriptions. |