Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13341 Datasheet(PDF) 5 Page - Qorvo, Inc

No. de pieza QM13341
Descripción Electrónicos  4xSPST (Single-Pole-Single-Throw Switch)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13341 Datasheet(HTML) 5 Page - Qorvo, Inc

  QM13341 Datasheet HTML 1Page - Qorvo, Inc QM13341 Datasheet HTML 2Page - Qorvo, Inc QM13341 Datasheet HTML 3Page - Qorvo, Inc QM13341 Datasheet HTML 4Page - Qorvo, Inc QM13341 Datasheet HTML 5Page - Qorvo, Inc QM13341 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRELIMINARY
QM13341
4xSPST (Single-Pole-Single-Throw Switch)
QM13341 Product Brief
5 of 6
www.qorvo.com
Handling Precautions
Parameter
VALUE
Standard
Caution!
ESD sensitive device
ESD
– Human Body Model (HBM)
Class 1C
ESDA/JEDEC JS-001-2012
Solderability
Compatible with both lead-free (260 °C max. reflow temperature) and tin/lead (245 °C max. reflow temperature) soldering processes.
Package lead plating: Electrolytic plated Au over Ni
Tape and Reel
Information
(Unless otherwise specified, all dimension tolerances per EIA-481)
Measured at Hub
W1
W2
Measured at Hub
D1
D2
D4
D3
B
Ko
Ao
Bo
P1
P2
W
P3



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com