Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13341 Datasheet(PDF) 4 Page - Qorvo, Inc

No. de pieza QM13341
Descripción Electrónicos  4xSPST (Single-Pole-Single-Throw Switch)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13341 Datasheet(HTML) 4 Page - Qorvo, Inc

  QM13341 Datasheet HTML 1Page - Qorvo, Inc QM13341 Datasheet HTML 2Page - Qorvo, Inc QM13341 Datasheet HTML 3Page - Qorvo, Inc QM13341 Datasheet HTML 4Page - Qorvo, Inc QM13341 Datasheet HTML 5Page - Qorvo, Inc QM13341 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRELIMINARY
QM13341
4xSPST (Single-Pole-Single-Throw Switch)
QM13341 Product Brief
4 of 6
www.qorvo.com
Branding Diagram
Carriers
Tape and Reel
Carrier tape basic dimensions are based on EIA 481. The pocket is designed to hold the part for shipping and loading onto SMT
manufacturing equipment, while protecting the body and the solder terminals from damaging stresses. The individual pocket design can
vary from vendor to vendor, but width and pitch will be consistent.
Carrier tape is wound or placed onto a shipping reel either 330 mm (13 inches) in diameter or 178 mm (7 inches) in diameter.
The center hub design is large enough to ensure the radius formed by the carrier tape around it does not put unnecessary stress
on the parts.
Prior to shipping, moisture sensitive parts (MSL level 2a-5a) are baked and placed into the pockets of the carrier tape. A cover tape is
sealed over the top of the entire length of the carrier tape. The reel is sealed in a moisture barrier ESD bag with the appropriate units of
desiccant and a humidity indicator card, which is placed in a cardboard shipping box. It is important to note that unused moisture
sensitive parts need to be resealed in the moisture barrier bag. If the reels exceed the exposure limit and need to be rebaked, most
carrier tape and shipping reels are not rated as bakeable at 125°C. If baking is required, devices may be baked according to section 4,
table 4-1, of Joint Industry Standard IPC/JEDEC J-STD-033.
The Table below provides useful information for carrier tape and reels used for shipping the devices described in this document.
Qorvo Part
Number
Reel Diameter
Inch (mm)
Hub Diameter Inch
(mm)
Width (mm)
Pocket Pitch
(mm)
Feed
Units Per Reel
QM13341TR13-10K
13 (330)
4 (102)
8
4
Single
10000
QM13341SR
7 (178)
2.5 (63)
8
4
Single
100



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com