Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13341 Datasheet(PDF) 2 Page - Qorvo, Inc

No. de pieza QM13341
Descripción Electrónicos  4xSPST (Single-Pole-Single-Throw Switch)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13341 Datasheet(HTML) 2 Page - Qorvo, Inc

  QM13341 Datasheet HTML 1Page - Qorvo, Inc QM13341 Datasheet HTML 2Page - Qorvo, Inc QM13341 Datasheet HTML 3Page - Qorvo, Inc QM13341 Datasheet HTML 4Page - Qorvo, Inc QM13341 Datasheet HTML 5Page - Qorvo, Inc QM13341 Datasheet HTML 6Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRELIMINARY
QM13341
4xSPST (Single-Pole-Single-Throw Switch)
QM13341 Product Brief
2 of 6
www.qorvo.com
Electrical Specifications
Test conditions unless
otherwise stated: all unused RF ports terminated in 50Ω, Input and Output = 50Ω, T = 25°C, VIO = 1.8V,
SDATA/SCLK = 1.8 V / 0 V.
Pin Configuration and Description
Top View
1
2
4
8
6
5
3
7
9
10
Top View
PIN
LABEL
DESCRIPTION
1
SDATA
RFFE DATA Line
2
SCLK
RFFE CLOCK Line
3
ID
USID Select
4
VIO
VIO Supply
5
GND
Ground
6
RF4
RF Port 4
7
RF3
RF Port 3
8
RF2
RF Port 2
9
RF1
RF Port 1
10
GND
Ground
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Isolation:
RF1
– RF3 & RF2 – RF4
OFF-STATE
700
– 915 MHz
65
dB
915
– 1910 MHz
61
dB
1910
– 2700 MHz
58
dB
3300
– 4200 MHz
57
dB
4200
– 5000 MHz
57
dB
Isolation:
RF1
– RF2 & RF3 – RF4
OFF-STATE
700
– 915 MHz
36
dB
915
– 1910 MHz
32
dB
1910
– 2700 MHz
28
dB
3300
– 4200 MHz
25
dB
4200
– 5000 MHz
24
dB
Second Harmonic
fo = 700MHz; Pin = 23dBm, OFF State
-102
dBm
Third Harmonic
-113
dBm
Second Harmonic
fo = 915MHz; Pin = 35dBm, OFF State
-77
dBm
Third Harmonic
-78
dBm
Second Harmonic
fo = 1910MHz; Pin = 33dBm, OFF State
-73
dBm
Third Harmonic
-76
dBm
Second Harmonic
fo = 2570MHz; Pin = 23dBm, OFF State
-92
dBm
Third Harmonic
-102
dBm
ADVANCED



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com