Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLMMTH Datasheet(PDF) 46 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLMMTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLMMTH Datasheet(HTML) 46 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLMMTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 50Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
46
Chip Erase (60/C7H)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A Write
Enable instruction must be executed before the device will accept the Chip Erase Instruction (Status
Register bit WEL must eQuad 1). The instruction is initiated by driving the /CS pin low and shifting the
instruction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in Figure 36.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Chip Erase
instruction will not be executed. After /CS is driven high, the self-timed Chip Erase instruction will
commence for a time duration of tCE. While the Chip Erase cycle is in progress, the Read Status Register
instruction may still be accessed to check the status of the WIP bit.
The WIP bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and the device is ready to
accept other Instructions again. After the Chip Erase cycle has finished the Write Enable Latch (WEL) bit in
the Status Register is cleared to 0. The Chip Erase instruction is executed only if all Block Protect (BP2,
BP1, and BP0) bits are 0.The Chip Erase instruction is ignored if one or more sectors are protected.
Erase / Program Suspend (75H)
The Erase/Program Suspend instruction allows the system to interrupt a Sector or Block Erase operation,
then read from or program data to any other sector. The Erase/Program Suspend instruction also allows
the system to interrupt a Page Program operation and then read from any other page or erase any other
sector or block. The Erase/Program Suspend instruction sequence is shown in Figure 37
The Write Status Registers instruction (01h) and Erase instructions (20h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Registers instruction (01h), and Program instructions (02h, 42h) are not allowed during Program Suspend.
Program Suspend is valid only during the Page Program operation.
Figure36. Chip Erase Sequence Diagram
Figure37. Erase/Program Suspend Command Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com