Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLMMTH Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLMMTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLMMTH Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLMMTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 40Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
36
Read Security Registers (48H)
See Figure 26, the Read Security Registers instruction is similar to Fast Read instruction. The instruction is
followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge
of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a
Max frequency fC, during the falling edge of SCLK. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out. Once
the A7-A0 address reaches the last byte of the register (Byte FFH), it will reset to 000H, the instruction is
completed by driving /CS high.
Address
A23-A16
A15-A12
A11-A8
A7-A0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
Figure26. Read Security Registers instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com