Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLMMTH Datasheet(PDF) 24 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLMMTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLMMTH Datasheet(HTML) 24 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLMMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC800GLMMTH Datasheet HTML 28Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
24
Dual Output Fast Read (3BH)
See Figure 9, the Dual Output Fast Read instruction is followed by 3-byte address (A23-A0) and a dummy
byte, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted out
2-bit per clock cycle from SI and SO. The first byte addressed can be at any location. The address is
automatically incremented to the next higher address after each byte of data is shifted out.
Quad Output Fast Read (6BH)
See Figure 10, the Quad Output Fast Read instruction is followed by 3-byte address (A23-A0) and a
dummy byte, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted
out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure9. Dual Output Fast Read Sequence Diagram
Figure10. Quad Output Fast Read Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com