Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLFMLTH Datasheet(PDF) 45 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLFMLTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Datasheet(HTML) 45 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 49Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
45
64KB Block Erase (D8H)
The 64KB Block Erase instruction is for erasing the all data of the chosen block. A Write Enable instruction
must previously have been executed to set the Write Enable Latch bit. The 64KB Block Erase instruction is
entered by driving /CS low, followed by the instruction code, and 3-byte address on SI. Any address inside
the block is a valid address for the 64KB Block Erase instruction. /CS must be driven low for the entire
duration of the sequence.
See Figure 35, the 64KB Block Erase instruction sequence: /CS goes low sending 64KB Block Erase
instruction 3-byte address on SI /CS goes high. /CS must be driven high after the eighth bit of the last
address byte has been latched in; otherwise the 64KB Block Erase instruction is not executed. As soon as
/CS is driven high, the self-timed Block Erase cycle (whose duration is tBE) is initiated. While the Block
Erase cycle is in progress, the Status Register may be read to check the value of the Write in Progress
(WIP) bit. The Write in Progress (WIP) bit is 1 during the self-timed Block Erase cycle, and is 0 when it is
completed. At some unspecified time before the cycle is completed, the Write Enable Latch bit is reset. A
64KB Block Erase instruction applied to a block which is protected by the Block Protect (BP4, BP3, BP2,
BP1, BP0) bits (see Table 5&6) is not executed.
Figure35. 64KB Block Erase Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com