Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLFMLTH Datasheet(PDF) 38 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLFMLTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Datasheet(HTML) 38 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
38
Program Security Registers (42H)
See Figure 28, the Program Security Registers instruction is similar to the Page Program instruction. It
allows from 1 to 256 bytes Security Registers data to be programmed. A Write Enable instruction must
previously have been executed to set the Write Enable Latch bit before sending the Program Security
Registers instruction. The Program Security Registers instruction is entered by driving /CS Low, followed
by the instruction code (42H), 3-byte address and at least one data byte on SI. As soon as /CS is driven
high, the self-timed Program Security Registers cycle (whose duration is tPP) is initiated. While the
Program Security Registers cycle is in progress, the Status Register may be read to check the value of the
Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Program Security
Registers cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the
Write Enable Latch bit is reset.
If the Security Registers Lock Bit (LB3/LB2/LB1) is set to 1, the Security Registers will be permanently
locked. Program Security Registers instruction will be ignored.
Address
A23-A16
A15-A12
A11-A8
A7-A0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
Figure28. Program Security Registers instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com