Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE25QC800GLFMLTH Datasheet(PDF) 25 Page - ACE Technology Co., LTD.

No. de pieza ACE25QC800GLFMLTH
Descripción Electrónicos  8M BIT SPI NOR FLASH
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC800GLFMLTH Datasheet(HTML) 25 Page - ACE Technology Co., LTD.

Back Button ACE25QC800GLFMLTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC800GLFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
ACE25QC800G
8M BIT SPI NOR FLASH
VER 1.2
25
Dual I/O Fast Read (BBH)
See Figure 11, the Dual I/O Fast Read instruction is similar to the Dual Output Fast Read instruction but
with the capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock
by SI and SO, each bit being latched in during the rising edge of SCLK, then the memory contents are
shifted out 2-bit per clock cycle from SI and SO. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Dual I/O Fast Read with “continuous Read Mode”
The Dual I/O Fast Read instruction can further reduce instruction overhead through setting the “continuous
Read Mode “bits (M7-4) after the inputs 3-byte address A23-A0).If the “continuous Read Mode
“bits(M5-4)=(1,0),then the next Dual I/O fast Read instruction (after CS/ is raised and then lowered) does
not require the BBH instruction code. The instruction sequence is shown in the following Figure 12.If the
“continuous Read Mode “bits (M5-4) does not eQuad (1,0),the next instruction requires the first BBH
instruction code, thus returning to normal operation. A “continuous Read Mode” Reset instruction can be
used to reset (M5-4) before issuing normal instruction.
Figure11. Dual I/O Fast Read Sequence Diagram (Initial command or previous (M5-
4)≠(1,0)))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com