Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F280025PMS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No. de pieza F280025PMS
Descripción Electrónicos  TMS320F28002x Real-Time Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

F280025PMS Datasheet(HTML) 21 Page - Texas Instruments

Back Button F280025PMS Datasheet HTML 17Page - Texas Instruments F280025PMS Datasheet HTML 18Page - Texas Instruments F280025PMS Datasheet HTML 19Page - Texas Instruments F280025PMS Datasheet HTML 20Page - Texas Instruments F280025PMS Datasheet HTML 21Page - Texas Instruments F280025PMS Datasheet HTML 22Page - Texas Instruments F280025PMS Datasheet HTML 23Page - Texas Instruments F280025PMS Datasheet HTML 24Page - Texas Instruments F280025PMS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 198 page
background image
Table 6-1. Pin Attributes (continued)
SIGNAL NAME
MUX
POSITION
80 QFP 64 QFP 48 QFP
PIN
TYPE
DESCRIPTION
GPIO16
0, 4, 8, 12
39
33
26
I/O
General-Purpose Input Output 16
SPIA_SIMO
1
I/O
SPI-A Slave In, Master Out (SIMO)
OUTPUTXBAR7
3
O
Output X-BAR Output 7
EPWM5_A
5
O
ePWM-5 Output A
SCIA_TX
6
O
SCI-A Transmit Data
EQEP1_STROBE
9
I/O
eQEP-1 Strobe
PMBUSA_SCL
10
I/OD
PMBus-A Open-Drain Bidirectional Clock
XCLKOUT
11
O
External Clock Output. This pin outputs a divided-
down version of a chosen clock signal from within the
device.
EQEP2_B
13
I
eQEP-2 Input B
SPIB_SOMI
14
I/O
SPI-B Slave Out, Master In (SOMI)
HIC_D1
15
I/O
HIC Data 1
GPIO17
0, 4, 8, 12
40
34
I/O
General-Purpose Input Output 17
SPIA_SOMI
1
I/O
SPI-A Slave Out, Master In (SOMI)
OUTPUTXBAR8
3
O
Output X-BAR Output 8
EPWM5_B
5
O
ePWM-5 Output B
SCIA_RX
6
I
SCI-A Receive Data
EQEP1_INDEX
9
I/O
eQEP-1 Index
PMBUSA_SDA
10
I/OD
PMBus-A Open-Drain Bidirectional Data
CANA_TX
11
O
CAN-A Transmit
HIC_D2
15
I/O
HIC Data 2
GPIO18_X2
0, 4, 8, 12
50
41
33
I/O
General-Purpose Input Output 18_X2
SPIA_CLK
1
I/O
SPI-A Clock
CANA_RX
3
I
CAN-A Receive
EPWM6_A
5
O
ePWM-6 Output A
I2CA_SCL
6
I/OD
I2C-A Open-Drain Bidirectional Clock
EQEP2_A
9
I
eQEP-2 Input A
PMBUSA_CTL
10
I/O
PMBus-A Control Signal - Slave Input/Master Output
XCLKOUT
11
O
External Clock Output. This pin outputs a divided-
down version of a chosen clock signal from within the
device.
LINB_TX
13
O
LIN-B Transmit
FSITXA_TDM_CLK
14
I
FSITX-A Time Division Multiplexed Clock Input
HIC_INT
15
O
HIC Device Interrupt
X2
ALT
O
Crystal oscillator output. For more information about
the ALT functionality, see the table that is in the
External Oscillator (XTAL) section of the System
Control chapter in the TMS320F28002x Real-Time
Microcontrollers Technical Reference Manual.
www.ti.com
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45B – MARCH 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1
TMS320F280023 TMS320F280023-Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com