Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F280025PMS Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
No. de pieza F280025PMS
Descripción Electrónicos  TMS320F28002x Real-Time Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

F280025PMS Datasheet(HTML) 58 Page - Texas Instruments

Back Button F280025PMS Datasheet HTML 54Page - Texas Instruments F280025PMS Datasheet HTML 55Page - Texas Instruments F280025PMS Datasheet HTML 56Page - Texas Instruments F280025PMS Datasheet HTML 57Page - Texas Instruments F280025PMS Datasheet HTML 58Page - Texas Instruments F280025PMS Datasheet HTML 59Page - Texas Instruments F280025PMS Datasheet HTML 60Page - Texas Instruments F280025PMS Datasheet HTML 61Page - Texas Instruments F280025PMS Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 198 page
background image
7.11 System
7.11.1 Power Management
TMS320F28002x real-time MCUs use an internal 1.2-V LDO Voltage Regulator (VREG) to supply the required
1.2 V to the core (VDD).
7.11.1.1 Internal 1.2-V LDO Voltage Regulator (VREG)
The internal VREG is supplied by VDDIO and generates the 1.2 V required to power the VDD pins. The internal
VREG is always enabled and, as such, is the required supply source for the VDD pins. Although the internal
VREG eliminates the need to use an external power supply for VDD, decoupling capacitors are required on each
VDD pin for VREG stability. There are two recommended capacitor configurations (described in the list that
follows) for the VDD rail when using the internal VREG. The signal description for VDD can be found in Table
6-4.
• Configuration 1: Place a small decoupling capacitor to VSS on each pin as close to the device as possible. In
addition, a bulk capacitance must be placed on the VDD node to VSS (one 10-µF capacitor or two parallel
4.7-µF capacitors).
• Configuration 2: Distribute the total capacitance to VSS evenly across all VDD pins (total capacitance divided
by number of available VDD pins).
7.11.1.2 Power Sequencing
Signal Pin Requirements: Before powering the device, no voltage larger than 0.3 V above VDDIO can be
applied to any digital pin, and no voltage larger than 0.3 V above VDDA can be applied to any analog pin
(including VREFHI).
VDDIO and VDDA Requirements: The 3.3-V supplies VDDIO and VDDA should be powered up together and
kept within 0.3 V of each other during functional operation.
VDD Requirements: The VDD sequencing requirements are handled by the device.
7.11.1.3 Power-On Reset (POR)
An internal power-on reset (POR) circuit holds the device in reset and keeps the I/Os in a high-impedance state
during power up. The POR is in control and forces XRSn low internally until the voltage on VDDIO crosses the
POR threshold. When the voltage crosses the POR threshold, the internal brownout-reset (BOR) circuit takes
control and holds the device in reset until the voltage crosses the BOR threshold (for internal BOR details, see
Section 7.11.1.4).
7.11.1.4 Brownout Reset (BOR)
An internal BOR circuit monitors the VDDIO rail for dips in voltage which result in the supply voltage dropping out
of operational range. When the VDDIO voltage drops below the BOR threshold, the device is forced into reset,
and XRSn is pulled low. XRSn will remain in reset until the voltage returns to the operational range. The BOR is
enabled by default. To disable the BOR, set the BORLVMONDIS bit in the VMONCTL register. The internal BOR
circuit monitors only the VDDIO rail. See Section 7.6 for BOR characteristics. External supply voltage supervisor
(SVS) devices can be used to monitor the voltage on the 3.3-V rail and to drive XRSn low if supplies fall outside
operational specifications.
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45B – MARCH 2020 – REVISED DECEMBER 2020
www.ti.com
58
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1
TMS320F280023 TMS320F280023-Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com