Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

F280025PMS Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de pieza F280025PMS
Descripción Electrónicos  TMS320F28002x Real-Time Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

F280025PMS Datasheet(HTML) 14 Page - Texas Instruments

Back Button F280025PMS Datasheet HTML 10Page - Texas Instruments F280025PMS Datasheet HTML 11Page - Texas Instruments F280025PMS Datasheet HTML 12Page - Texas Instruments F280025PMS Datasheet HTML 13Page - Texas Instruments F280025PMS Datasheet HTML 14Page - Texas Instruments F280025PMS Datasheet HTML 15Page - Texas Instruments F280025PMS Datasheet HTML 16Page - Texas Instruments F280025PMS Datasheet HTML 17Page - Texas Instruments F280025PMS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 198 page
background image
6.2 Pin Attributes
Table 6-1. Pin Attributes
SIGNAL NAME
MUX
POSITION
80 QFP 64 QFP 48 QFP
PIN
TYPE
DESCRIPTION
ANALOG
A0
19
15
11
I
ADC-A Input 0
C15
I
ADC-C Input 15
CMP3_HP2
I
CMPSS-3 High Comparator Positive Input 2
CMP3_LP2
I
CMPSS-3 Low Comparator Positive Input 2
AIO231
0, 4, 8, 12
I
Analog Pin Used For Digital Input 231
HIC_BASESEL1
15
I
HIC Base Address Range Select 1
A1
18
14
10
I
Analog Input
CMP1_HP4
I
CMPSS-1 High Comparator Positive Input 4
CMP1_LP4
I
CMPSS-1 Low Comparator Positive Input 4
AIO232
0, 4, 8, 12
I
Analog Pin Used For Digital Input 232
HIC_BASESEL0
15
I
HIC Base Address Range Select 0
A10
29
25
21
I
ADC-A Input 10
C10
I
ADC-C Input 10
CMP2_HP3
I
CMPSS-2 High Comparator Positive Input 3
CMP2_HN0
I
CMPSS-2 High Comparator Negative Input 0
CMP2_LP3
I
CMPSS-2 Low Comparator Positive Input 3
CMP2_LN0
I
CMPSS-2 Low Comparator Negative Input 0
AIO230
0, 4, 8, 12
I
Analog Pin Used For Digital Input 230
HIC_BASESEL2
15
I
HIC Base Address Range Select 2
A11
16
12
8
I
ADC-A Input 11
C0
I
ADC-C Input 0
CMP1_HP1
I
CMPSS-1 High Comparator Positive Input 1
CMP1_HN1
I
CMPSS-1 High Comparator Negative Input 1
CMP1_LP1
I
CMPSS-1 Low Comparator Positive Input 1
CMP1_LN1
I
CMPSS-1 Low Comparator Negative Input 1
AIO237
0, 4, 8, 12
I
Analog Pin Used For Digital Input 237
HIC_A6
15
I
HIC Address 6
A12
22
18
14
I
ADC-A Input 12
C1
I
ADC-C Input 1
CMP2_HP1
I
CMPSS-2 High Comparator Positive Input 1
CMP4_HP2
I
CMPSS-4 High Comparator Positive Input 2
CMP2_HN1
I
CMPSS-2 High Comparator Negative Input 1
CMP2_LP1
I
CMPSS-2 Low Comparator Positive Input 1
CMP4_LP2
I
CMPSS-4 Low Comparator Positive Input 2
CMP2_LN1
I
CMPSS-2 Low Comparator Negative Input 1
AIO238
0, 4, 8, 12
I
Analog Pin Used For Digital Input 238
HIC_NCS
15
I
HIC Chip Select
A14
15
11
I
ADC-A Input 14
C4
I
ADC-C Input 4
CMP3_HP4
I
CMPSS-3 High Comparator Positive Input 4
CMP3_LP4
I
CMPSS-3 Low Comparator Positive Input 4
AIO239
0, 4, 8, 12
I
Analog Pin Used For Digital Input 239
HIC_A5
15
I
HIC Address 5
TMS320F280025, TMS320F280025-Q1
TMS320F280025C, TMS320F280025C-Q1, TMS320F280023, TMS320F280023-Q1
TMS320F280023C, TMS320F280021, TMS320F280021-Q1
SPRSP45B – MARCH 2020 – REVISED DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMS320F280025 TMS320F280025-Q1 TMS320F280025C TMS320F280025C-Q1
TMS320F280023 TMS320F280023-Q1 TMS320F280023C TMS320F280021 TMS320F280021-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com