Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT2519W Datasheet(PDF) 12 Page - Richtek Technology Corporation

No. de pieza RT2519W
Descripción Electrónicos  1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2519W Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT2519W Datasheet HTML 5Page - Richtek Technology Corporation RT2519W Datasheet HTML 6Page - Richtek Technology Corporation RT2519W Datasheet HTML 7Page - Richtek Technology Corporation RT2519W Datasheet HTML 8Page - Richtek Technology Corporation RT2519W Datasheet HTML 9Page - Richtek Technology Corporation RT2519W Datasheet HTML 10Page - Richtek Technology Corporation RT2519W Datasheet HTML 11Page - Richtek Technology Corporation RT2519W Datasheet HTML 12Page - Richtek Technology Corporation RT2519W Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RT2519W
12
DS2519W-00 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
V-Type 8AL DFN 3x3 Package
1
1
2
2
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
Min
Max
Min
Max
A
0.800
1.000
0.031
0.039
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.250
0.370
0.010
0.015
b1
D
2.900
3.100
0.114
0.122
D2
1.700
1.800
0.067
0.071
E
2.900
3.100
0.114
0.122
E2
1.450
1.550
0.057
0.061
e
e1
L
0.350
0.450
0.014
0.018
0.650
0.026
0.650
0.026
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.230
0.009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com