Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT2519W Datasheet(PDF) 4 Page - Richtek Technology Corporation

No. de pieza RT2519W
Descripción Electrónicos  1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2519W Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT2519W Datasheet HTML 1Page - Richtek Technology Corporation RT2519W Datasheet HTML 2Page - Richtek Technology Corporation RT2519W Datasheet HTML 3Page - Richtek Technology Corporation RT2519W Datasheet HTML 4Page - Richtek Technology Corporation RT2519W Datasheet HTML 5Page - Richtek Technology Corporation RT2519W Datasheet HTML 6Page - Richtek Technology Corporation RT2519W Datasheet HTML 7Page - Richtek Technology Corporation RT2519W Datasheet HTML 8Page - Richtek Technology Corporation RT2519W Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT2519W
4
DS2519W-00 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = VOUT + 0.5V or 2.2V, VOUT = 0.8V and 5.5V, IOUT = 1mA, VEN = 2.2V, CNR = 10nF, COUT = 4.7
μF, TJ = −40°C to 125°C, unless
otherwise specified)
Absolute Maximum Ratings
(Note 1)
All Pins ----------------------------------------------------------------------------------------------------------------------
−0.3V to 7V
Power Dissipation, PD @ TA = 25
°C
VDFN-8AL 3x3 ------------------------------------------------------------------------------------------------------------- 3.31W
Package Thermal Resistance (Note 2)
VDFN-8AL 3x3,
θJA -------------------------------------------------------------------------------------------------------- 30.2°C/W
VDFN-8AL 3x3,
θJC ------------------------------------------------------------------------------------------------------- 5.5°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------------ 2.2V to 6V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
Input Operating Voltage VIN
2.2
--
6
V
Under-Voltage Lockout
Threshold
VUVLO
ROUT = 1k
1.86
2
2.1
Under-Voltage Lockout
Threshold Hysteresis
VUVLO
ROUT = 1k
--
200
--
mV
Shutdown Current
ISHDN
VEN  0.4V, VIN  2.2V, ROUT = 1k,
0°C
 TJ  85°C
--
0.2
2
A
Quiescent Current
IQ
--
190
350
A
Output Voltage
Output Supply Voltage
VOUT
0.8
--
5.5
V
Output Supply Voltage
Accuracy
(Note 5)
VOUT + 0.5V  VIN  6V, VIN 2.5V,
100mA
 IOUT  500mA,
0°C
 TJ  85°C
2
--
+2
%
VOUT + 0.5V  VIN  6V, VIN  2.2V,
100mA
 IOUT  1A
3
±0.3
+3
Line Regulation
VOUT/VIN
VOUT + 0.5V  VIN  6V, VIN  2.2V,
IOUT = 100mA
--
0.2
--
%
Load Regulation
VOUT/IOUT 100mA  IOUT  1A
--
0.3
--
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com