Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT2519W Datasheet(PDF) 8 Page - Richtek Technology Corporation

No. de pieza RT2519W
Descripción Electrónicos  1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2519W Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT2519W Datasheet HTML 4Page - Richtek Technology Corporation RT2519W Datasheet HTML 5Page - Richtek Technology Corporation RT2519W Datasheet HTML 6Page - Richtek Technology Corporation RT2519W Datasheet HTML 7Page - Richtek Technology Corporation RT2519W Datasheet HTML 8Page - Richtek Technology Corporation RT2519W Datasheet HTML 9Page - Richtek Technology Corporation RT2519W Datasheet HTML 10Page - Richtek Technology Corporation RT2519W Datasheet HTML 11Page - Richtek Technology Corporation RT2519W Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RT2519W
8
DS2519W-00 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (50
μs/Div)
Power Off from EN
VOUT
(1V/Div)
VEN
(2V/Div)
IOUT
(500mA/Div)
VIN = 4.3V, VOUT = 3.3V
Time (500
μs/Div)
Power On from EN
VOUT
(1V/Div)
VEN
(2V/Div)
IOUT
(500mA/Div)
VIN = 4.3V, VOUT = 3.3V
Time (50
μs/Div)
Load Transient Response
VOUT
(50mV/Div)
IOUT
(500mA/Div)
VIN = 4.3V, VOUT = 3.3V,
IOUT = 0.1A to 1A (1A/
μs, only shows the
transient component)
Time (50
μs/Div)
Line Transient Response
VOUT
(5mV/Div)
VIN
(1V/Div)
VIN = 3.8V to 4.8V, VOUT = 3.3V,
IOUT = 0.1A
Output Spectral Noise Density
0.01
0.10
1.00
10.00
100.00
10
100
1000
10000
100000
Frequency (Hz)
IOUT = 10mA
IOUT = 100mA
IOUT = 750mA
RMS Noise (100Hz to 100kHz)
69.72
μVRMS (IOUT = 10mA),
59.01
μVRMS (IOUT = 100mA),
56.11
μVRMS (IOUT = 750mA)
VOUT = 3.3V, VIN = 3.8V,
COUT = 4.7
μF, CNR = 0.01μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com