Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703 Datasheet(PDF) 17 Page - Analog Devices

No. de pieza ADUM7703
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADUM7703 Datasheet HTML 13Page - Analog Devices ADUM7703 Datasheet HTML 14Page - Analog Devices ADUM7703 Datasheet HTML 15Page - Analog Devices ADUM7703 Datasheet HTML 16Page - Analog Devices ADUM7703 Datasheet HTML 17Page - Analog Devices ADUM7703 Datasheet HTML 18Page - Analog Devices ADUM7703 Datasheet HTML 19Page - Analog Devices ADUM7703 Datasheet HTML 20Page - Analog Devices ADUM7703 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Data Sheet
ADuM7703
Rev. 0 | Page 17 of 22
To reconstruct the original information, this output must be
digitally filtered and decimated. A sinc3 filter is recommended
because this filter is one order higher than that of the ADuM7703
modulator, which is a second-order modulator. When a
256 decimation rate is used, the resulting 16-bit word rate is
78.1 kSPS, assuming a 20 MHz external clock frequency. See the
Digital Filter section for more detailed information on the sinc
filter implementation. Figure 27 shows the transfer function of
the ADuM7703 relative to the 16-bit output.
65535
58368
SPECIFIED RANGE
ANALOG INPUT
7168
–320mV
–250mV
+250mV
+320mV
0
Figure 27. Filtered and Decimated 16-Bit Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com