Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7703 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADUM7703
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7703 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUM7703 Datasheet HTML 4Page - Analog Devices ADUM7703 Datasheet HTML 5Page - Analog Devices ADUM7703 Datasheet HTML 6Page - Analog Devices ADUM7703 Datasheet HTML 7Page - Analog Devices ADUM7703 Datasheet HTML 8Page - Analog Devices ADUM7703 Datasheet HTML 9Page - Analog Devices ADUM7703 Datasheet HTML 10Page - Analog Devices ADUM7703 Datasheet HTML 11Page - Analog Devices ADUM7703 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADuM7703
Data Sheet
Rev. 0 | Page 8 of 22
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
the respective GNDx.
Table 8.
Parameter
Rating
VDD1 to GND1
−0.3 V to +23 V
VDD2 to GND2
−0.3 V to +6 V
Analog Input Voltage to GND1
−1 V to +4.3 V
Digital Input Voltage to GND2
−0.5 V to VDD2 + 0.5 V
Digital Output Voltage to GND2
−0.5 V to VDD2 + 0.5 V
Input Current to Any Pin Except Supplies1
±10 mA
Output Current from Any Pin Except
Supplies
±10 mA
Operating Temperature Range
16-lead SOIC_W
−40°C to +125°C
8-lead SOIC_IC
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Pb-Free Temperature, Soldering
Reflow
260°C
Electrostatic Discharge (ESD)
Field Induced Charged Device Model
(FICDM)2
±1250 V
Human Body Model (HBM)3
±4000 V
1 Transient currents of up to 100 mA do not cause silicon controlled rectifier
(SCR) to latch up.
2 JESD22-C101, resistor, capacitor (RC) network, 1 Ω, package capacitance, and
Class IV.
3 ESDA/JEDEC JS-001-2011, RC network: 1.5 kΩ, 100 pF, and Class 3A.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 9. Thermal Resistance
Package Type1
θJA2
ΨJC3
Unit
RI-8-1
105
9.25
°C/W
RW-16
87.25
10.4
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD-51.
2 θJA was calculated using the total power and maximum junction
temperature.
3 ΨJC was calculated using the package center case temperature.
ESD CAUTION
INSULATION RATINGS
The maximum continuous working voltage refers to the continuous voltage magnitude imposed across the isolation barrier. See the
Insulation Lifetime section for more details.
Table 10. Maximum Continuous Working Voltage
Parameter
Insulation Rating1
Lifetime Conditions
Basic Insulation
AC Voltage
Bipolar Waveform
1129 VPEAK
20 years to 1000 ppm failure at 1129 VPEAK (798 V rms, 50 Hz or 60 Hz sine wave)
Reinforced Insulation
AC Voltage
Bipolar Waveform
1060 VPEAK
20 years to 1 ppm failure at 1060 VPEAK (750 V rms, 50 Hz or 60 Hz sine wave)
1 Insulation capability without regard to creepage limitations. Working voltage may be limited by the PCB creepage when considering rms voltages for components
soldered to a PCB (assumes Material Group I up to 1270 V rms), or package: RI-8-1 package creepage of 8.1 mm, and RW-16 package creepage of 7.8 mm, when
considering rms voltages for Material Group I.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com