Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7701 Datasheet(PDF) 13 Page - Analog Devices

No. de pieza ADUM7701
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7701 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUM7701 Datasheet HTML 9Page - Analog Devices ADUM7701 Datasheet HTML 10Page - Analog Devices ADUM7701 Datasheet HTML 11Page - Analog Devices ADUM7701 Datasheet HTML 12Page - Analog Devices ADUM7701 Datasheet HTML 13Page - Analog Devices ADUM7701 Datasheet HTML 14Page - Analog Devices ADUM7701 Datasheet HTML 15Page - Analog Devices ADUM7701 Datasheet HTML 16Page - Analog Devices ADUM7701 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADuM7701
Rev. 0 | Page 13 of 22
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
4.50
4.75
5.00
5.25
5.50
VDD1 (V)
Figure 19. Gain Error vs. VDD1
0
2
4
6
8
10
12
14
16
4.50
4.75
5.00
5.25
5.50
VDD1 (V)
MCLKIN = 20MHz, –40°C
MCLKIN = 20MHz, +25°C
MCLKIN = 20MHz, +125°C
MCLKIN = 10MHz, –40°C
MCLKIN = 10MHz, +25°C
MCLKIN = 10MHz, +125°C
Figure 20. IDD1 vs. VDD1 at Various Temperatures and Clock Rates
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
–250
–125
0
125
250
VIN+ (mV)
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
DC INPUT
Figure 21. IDD1 vs. VIN+ DC Input at Various Temperatures
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
3.0
3.5
4.0
4.5
5.0
5.5
VDD2 (V)
MCLKIN = 20MHz, –40°C
MCLKIN = 20MHz, +25°C
MCLKIN = 20MHz, +125°C
MCLKIN = 10MHz, –40°C
MCLKIN = 10MHz, +25°C
MCLKIN = 10MHz, +125°C
Figure 22. IDD2 vs. VDD2 at Various Temperatures and Clock Rates
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–250
–125
0
125
250
VIN+ (mV)
DC INPUT
TA = –40°C
TA = 0°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 23. IDD2 vs. VIN+ DC Input at Various Temperatures
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–320
–240
–160
–80
0
80
160
240
320
VIN+ (mV)
MCLKIN = 10MHz
MCLKIN = 20MHz
DC INPUT
Figure 24. VIN+ Current (IIN+) vs. VIN+ DC Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com