Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7701 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADUM7701
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7701 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM7701 Datasheet HTML 3Page - Analog Devices ADUM7701 Datasheet HTML 4Page - Analog Devices ADUM7701 Datasheet HTML 5Page - Analog Devices ADUM7701 Datasheet HTML 6Page - Analog Devices ADUM7701 Datasheet HTML 7Page - Analog Devices ADUM7701 Datasheet HTML 8Page - Analog Devices ADUM7701 Datasheet HTML 9Page - Analog Devices ADUM7701 Datasheet HTML 10Page - Analog Devices ADUM7701 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
ADuM7701
Rev. 0 | Page 7 of 22
DIN V VDE V 0884-11 INSULATION CHARACTERISTICS (PENDING)
This isolator is suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
means of protective circuits.
Table 7.
Description
Symbol
Characteristic
Unit
INSTALLATION CLASSIFICATION PER DIN VDE 0110
For Rated Mains Voltage ≤300 V rms
I to IV
For Rated Mains Voltage ≤450 V rms
I to IV
For Rated Mains Voltage ≤600 V rms
I to IV
CLIMATIC CLASSIFICATION
40/125/21
POLLUTION DEGREE (DIN VDE 0110, TABLE 1)
2
MAXIMUM WORKING INSULATION VOLTAGE
VIORM
1060
VPEAK
INPUT TO OUTPUT TEST VOLTAGE, METHOD B1
VIORM × 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC
VPD(M)
1987
VPEAK
INPUT TO OUTPUT TEST VOLTAGE, METHOD A
VPR(M)
After Environmental Test Subgroup 1
VIORM × 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC
1696
VPEAK
After Input and/or Safety Test Subgroup 2/Safety Test Subgroup 3
VIORM × 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC
1272
VPEAK
HIGHEST ALLOWABLE OVERVOLTAGE (TRANSIENT OVERVOLTAGE, tTR = 10 sec)
VIOTM
8000
VPEAK
SURGE ISOLATION VOLTAGE
1.2 µs Rise Time, 50 μs, 50% Fall Time
VIOSM
8000
VPEAK
SAFETY LIMITING VALUES (MAXIMUM VALUE ALLOWED IN THE EVENT OF A FAILURE)1
Case Temperature
TS
150
°C
Side 1 (PVDD1) and Side 2 (PVDD2) Power Dissipation
PSO
16-Lead SOIC_W
1.43
W
8-Lead SOIC_IC
1.19
W
INSULATION RESISTANCE AT TS, VIO = 500 V
RIO
>109
1
See Figure 4.
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
100
AMBIENT TEMPERATURE (°C)
150
200
16-LEAD SOIC_W
8-LEAD SOIC_IC
Figure 4. Thermal Derating Curve, Dependence of Safety Limiting Values with Case Temperature per DIN V VDE V 0884-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com