Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM7701 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADUM7701
Descripción Electrónicos  16-Bit, Isolated, Sigma-Delta Modulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM7701 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM7701 Datasheet HTML 5Page - Analog Devices ADUM7701 Datasheet HTML 6Page - Analog Devices ADUM7701 Datasheet HTML 7Page - Analog Devices ADUM7701 Datasheet HTML 8Page - Analog Devices ADUM7701 Datasheet HTML 9Page - Analog Devices ADUM7701 Datasheet HTML 10Page - Analog Devices ADUM7701 Datasheet HTML 11Page - Analog Devices ADUM7701 Datasheet HTML 12Page - Analog Devices ADUM7701 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Data Sheet
ADuM7701
Rev. 0 | Page 9 of 22
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC1
NIC1
NIC1
VIN+
VDD1
GND1
VIN–
GND1
GND2
NOTES
1. NIC1 = NOT INTERNALLY CONNECTED. THESE PINS ARE NOT INTERNALLY CONNECTED.
CONNECT TO VDD1, GND1, OR LEAVE FLOATING.
2. NIC2 = NOT INTERNALLY CONNECTED. THESE PINS ARE NOT INTERNALLY CONNECTED.
CONNECT TO VDD2, GND2, OR LEAVE FLOATING.
NIC2
MDAT
NIC2
NIC2
GND2
VDD2
MCLKIN
1
2
3
4
8
7
6
5
16
15
14
13
9
10
11
12
ADuM7701
(Not to Scale)
TOP VIEW
Figure 5. 16-Lead SOIC_W Pin Configuration
Table 11. 16-Lead SOIC_W Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 5, 6
NIC1
Not Internally Connected. These pins are not internally connected. Connect these pins to VDD1, GND1, or leave
floating.
2
VIN+
Positive Analog Input.
3
VIN−
Negative Analog Input.
4, 8
GND1
Ground 1. These pins are the ground reference point for all circuitry on the isolated side.
7
VDD1
Supply Voltage, 4.5 V to 5.5 V. This pin is the supply voltage for the isolated side of the ADuM7701 and is relative to
GND1. For device operation, connect the supply voltage to Pin 7. Decouple the supply pin to GND1 with a 10 µF
capacitor in parallel with a 100 nF capacitor as close to the pin as possible.
9, 16
GND2
Ground 2. These pins are the ground reference point for all circuitry on the nonisolated side.
10, 12, 15
NIC2
Not Internally Connected. These pins are not internally connected. Connect these pins to VDD2, GND2, or leave
floating.
11
MDAT
Serial Data Output. The single-bit modulator output is supplied to this pin as a serial data stream. The bits are
clocked out on the rising edge of the MCLKIN input and are valid on the following MCLKIN rising edge.
13
MCLKIN
Master Clock Logic Input. 5 MHz to 21 MHz frequency range. The bit stream from the modulator is propagated on
the rising edge of the MCLKIN.
14
VDD2
Supply Voltage, 3 V to 5.5 V. This pin is the supply voltage for the nonisolated side and is relative to GND2.
Decouple this supply to GND2 with a 10 µF capacitor in parallel with a 100 nF capacitor as close to the pin as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com