| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VPH5-1200-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
VPH5-1200-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved. |
|
5 / 9 page ![]() www.eaton.com/electronics 5 Dimensions- mm VP VERSA-PAC® Inductors and Transformers (Surface Mount) Technical Data 4301 Effective August 2017 VP4 and VPH4 A C B D E F G H I J K L M N O mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm max ref max ref max ref ref ref ref ref max VP4 and VPH4 18.0 18.0 24.6 0.7 10.0 3.3 0.1 0.4 14.25 1.75 3.43 19.14 26.0 2.5 0.75 TOP VIEW D (12 PLCS) 1 6 12 7 LOGO (OPTIONAL) VPH_-____ B C A WHITE DOT PIN #1 FRONT VIEW H (12 PLCS) G (12 PLCS) F (2 PLCS) E 1 12 2 11 3 10 1:1:1:1:1:1 4 9 5 8 6 7 J (12PLCS) COMPONENT SIDE K (12PLCS) O (10PLCS) N (10PLCS) M L 1 12 6 7 I VP5 and VPH5 AB C D E F G H I J K L M N O mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm max ref max ref max ref ref ref ref ref max VP5 and VPH5 21.0 21.0 28.5 0.7 10.8 2.95 0.1 0.4 17.25 2.25 3.15 22.7 29.0 3.0 0.75 TOP VIEW D (12 PLCS) 1 6 12 7 LOGO (OPTIONAL) VPH_-____ B C A WHITE DOT PIN #1 FRONT VIEW H (12 PLCS) G (12 PLCS) F (2 PLCS) E 1 12 2 11 3 10 1:1:1:1:1:1 4 9 5 8 6 7 J (12PLCS) COMPONENT SIDE K (12PLCS) O (10PLCS) N (10PLCS) M L 1 12 6 7 I NOTES: 1) Tolerances A - I are ± 0.25 mm unless specified otherwise. 2) Tolerances J - P are +/- 0.1 mm unless specified otherwise. 3)Marking: a)Dot for pin #1 identification b) VP(H)x-xxx (product code, size, 4 digit part number per family table.) c) Versa Pac Logo (optional) d) wwllyy = (date code) R = (revision level) 4)All soldering surfaces must be coplanar within 0.102 mm. 5) Bulk packaged For tape and reel add TR to part number: (i.e. VP4-0140TR-R) 140 parts per reel NOTES: 1) Tolerances A - I are ± 0.25 mm unless specified otherwise. 2) Tolerances J - P are +/- 0.1 mm unless specified otherwise. 3)Marking: a)Dot for pin #1 identification b) VP(H)x-xxx (product code, size, 4 digit part number per family table.) c) Versa Pac Logo (optional) d) wwllyy = (date code) R = (revision level) 4)All soldering surfaces must be coplanar within 0.102 mm. 5) Bulk packaged For tape and reel add TR to part number: (i.e. VP5-0155TR-R) 115 parts per reel |