| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VPH5-1200-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
VPH5-1200-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved. |
|
3 / 9 page ![]() www.eaton.com/electronics 3 VP VERSA-PAC® Inductors and Transformers (Surface Mount) Technical Data 4301 Effective August 2017 (1) The first three or four digits in the part number signify the size of the package. The next four digits specify the AL, or nanoHenries per turn squared. -R indicates RoHS compliant. (2) L BASE = Nominal Inductance of a single winding. (3) I BASE is the lessor of ISAT(BASE) and IRMS(BASE). (4) Peak current that will result in 30% saturation of the core. This current value assumes that equal current flows in all six windings. For applications in which all windings are not simultaneously driven (i.e. flyback, SEPIC, Cuk, etc.), the saturation current per winding may be calculated as follows: I SAT = 6 x I SAT(BASE) Number of Windings Driven (5) RMS Current that results in a surface temperature of approximately 40 °C above ambient. The 40 °C rise occurs when the specified current flows through each of the six windings. (6) Maximum DC Resistance of each winding. (7) For multiple windings in series, the volt-µsecond TOTAL (µVs) capability varies as the number of windings in series (S): Volt-µsec TOTAL = S x Volt-µsec(BASE) For multiple windings in parallel, the volt-µsecondTOTAL (µVs) capability is as shown in the table above. (8) Maximum Energy capability of each winding. This is based on 30% saturation of the core: Energy SERIES = S 2 x 1 x 0.7L BASE x I 2 SAT(BASE) 2 Energy PARALLEL = P 2 x 1 x 0.7L BASE x I 2 SAT(BASE) For multiple windings, the energy capability varies as the square of the number of windings. For example, six windings (either parallel or series) can store 36 times more energy than one winding. (9) Thermal Resistance is the approximate surface temperature rise per Watt of heat loss under still-air conditions. Heat loss is a combination of core loss and wire loss. The number assumes the underlying PCB copper area equals 150% of the component area. (10) These devices are designed for feed-forward applications, where load current dominates magnitizing current. 2 VERSA-PAC temperature rise depends on total power losses and size. Any other PCM configurations other than those suggested could run hotter than acceptable. Certain topologies or applications must be analyzed for needed requirements and matched with the best VERSA-PAC size and configuration. Proper consideration must be used with all parameters, especially those associated with current rating, energy storage, or maximum volt-seconds. VERSA-PAC should not be used in off-line or safety related applications. The breakdown voltage from one winding to any other winding is 500 VAC maximum. Product specifications- notes Dimensions- mm VP1 and VPH1 TOP VIEW WHITE DOT PIN #1 D (12 PLCS) LOGO (OPTIONAL) B C A 12 7 6 1 FRONT VIEW I (12 PLCS) H G (2 PLCS) WWLLYY R E F RECOMMENDED PCB LAYOUT J N M COMPONENT SIDE 1 12 6 7 L (12PLCS) K (12PLCS) 0 (10PLCS) P (10PLCS) 4 1 5 2 6 8 12 7 11 10 9 3 1:1:1:1:1:1 A A AB E F G H I J K LM N O P mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm mm max ref max ref ref max ref ref ref ref ref max VP1 and VPH1 12.9 9.2 13.0 0.7 5.9 6.2 1.5 0.1 0.25 11.5 1.5 2.25 9.7 14.2 2.0 0.5 NOTES: 1)Tolerances A - I are ± 0.25 mm unless specified otherwise. 2)Tolerances J - P are +/- 0.1 mm unless specified otherwise. 3)Marking: a)Dot for pin #1 identification b) VP(H)x-xxx (product code, size, 4 digit part number per family table.) c) Versa Pac Logo (optional) d) wwllyy = (date code) R = (revision level) 4)All soldering surfaces must be coplanar within 0.102 mm. 5)Packaged in tape and reel 600 parts per reel |