Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VPH5-1200-R Datasheet(PDF) 6 Page - Eaton All Rights Reserved.

No. de pieza VPH5-1200-R
Descripción Electrónicos  VERSA-PAC짰 Inductors and Transformers (Surface Mount)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EATON [Eaton All Rights Reserved.]
Página de inicio  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

VPH5-1200-R Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

  VPH5-1200-R Datasheet HTML 1Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 2Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 3Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 4Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 5Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 6Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 7Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 8Page - Eaton All Rights Reserved. VPH5-1200-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Technical Data 4301
Effective August 2017
How to use multiple windings
VP
VERSA-PAC® Inductors and Transformers (Surface Mount)
L
TOTAL = LBASE x S
2
= 10 µH x 2
2
= 40 µH
Where:
L
BASE = Inductance of a single winding
P = Number of windings in parallel (use 1 with all windings in series)
S = Number of windings in series
I
BASE = Maximum current rating of one winding
I
MAX
= I
BASE x P
= 1 Amp x 1
= 1 Amp
L
TOTAL = LBASE x S
2
= 10 µH x 1
2
= 10 µH
I
MAX
= I
BASE x P
= 1 Amp x 2
= 2 Amps
10
µH
1 Amp
10
µH
1 Amp
10
µH
1 Amp
Series Connected (2 Windings)
Parallel Connected (2 Windings)
10
µH
1 Amp
Windings on the same magnetic core behave differently. Two windings in series result in four times the inductance of a
single winding. This is because the inductance varies proportionately to the square of the turns.
Paralleled
VERSA-PAC windings result in no change to the net inductance because the total number of turns remains
unchanged; only the effective wire size becomes larger. Two parallel windings result in approximately twice the current
carrying capability of a single winding. The net inductance of a given
PCM configuration is based on the number of
windings in series squared multiplied by the inductance of a single winding (LBASE). The current rating of a
PCM configuration
is derived by multiplying the maximum current rating of one winding (IBASE) by the number of windings in parallel. Examples
of simple two-winding devices are shown below:
Discrete inductors combine like resistors, when connected in series or parallel. For example, inductors in series add and
inductors in parallel reduce in a way similar to Ohm’s Law.
L
Series = L1 + L2 + L3...Ln
L
Parallel = 1/ [1/ L1 + 1/ L2 + 1/ L3....1/Ln]
www.eaton.com/electronics



Html Pages

1 2 3 4 5 6 7 8 9